Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4300 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4300
Description  Advanced light control and diagnostics using
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4300 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4300 Datasheet HTML 5Page - STMicroelectronics AN4300 Datasheet HTML 6Page - STMicroelectronics AN4300 Datasheet HTML 7Page - STMicroelectronics AN4300 Datasheet HTML 8Page - STMicroelectronics AN4300 Datasheet HTML 9Page - STMicroelectronics AN4300 Datasheet HTML 10Page - STMicroelectronics AN4300 Datasheet HTML 11Page - STMicroelectronics AN4300 Datasheet HTML 12Page - STMicroelectronics AN4300 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DocID024675 Rev 2
9/40
AN4300
Lighting application design challenge
39
1.4.1
Digital diagnosis
To read the digital diagnosis it is necessary to read an I/O pin of the driver for each load
driven. To read this type of diagnosis the microcontroller has to read the digital pin in polling
mode or by connecting this signal to an external interrupt line.
1.4.2
Analog diagnosis
To read the analog diagnosis a current sense pin is available for each load driven. This pin
is used to read a proportional current (voltage using a resistor) that flows in the load.
Comparing this current with certain thresholds can determine if problems on the load exist.
To read the voltage of the current sense pin, an analog-to-digital conversion must be
performed.
The analog diagnosis has to be read in synchronous mode to the input (PWM) signal which
is available after a delay from the rising edge of the input signals. The analog-to-digital
conversion has to be triggered with a delay from the rising edge of the input signals to allow
the load current to stabilize.
1.4.3
Serial diagnosis
When the power devices provide serial diagnosis, they usually save the type of fault in
internal registers. The microcontroller, using the SPI link, then performs a query on the
specified register to examine the fault status.
The application can perform the following types of diagnosis inspection:
•
During T_ON (time when the PWM input signal is switched on) of the input signal
–
Open-load
–
Overtemperature
–
Undervoltage
–
Short-circuit to GND
–
Short-circuit to VCC
•
During T_OFF (time when the PWM signal is switched off) of the input signal
–
Open-load
–
Short-circuit to VCC
The digital and serial diagnosis can usually be read asynchronously with respect to the
PWM input signals and the diagnosis action can be performed during a noncritical instant of
the system cycle. The CPU load used to collect this information is not an important aspect.
The analog diagnosis consists of checking the current that flows in the loads. The input
signal status must be known to collect diagnosis information in a specific instant of the
loads’ activity. The reading of the diagnosis and the input signal must be synchronized to
determine the status of the input signal.
The input signal is a PWM signal, making it necessary to select if the diagnosis is occurred
in the T_ON or T_OFF phase of the input signal. Furthermore, a delay exists between the
rising (falling) edge and the instant when the diagnosis read occurs because the current
sense signal is stabilized only after a transitory time (about 300 µs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com