Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4367 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4367
Description  This document provides overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4367 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4367 Datasheet HTML 5Page - STMicroelectronics AN4367 Datasheet HTML 6Page - STMicroelectronics AN4367 Datasheet HTML 7Page - STMicroelectronics AN4367 Datasheet HTML 8Page - STMicroelectronics AN4367 Datasheet HTML 9Page - STMicroelectronics AN4367 Datasheet HTML 10Page - STMicroelectronics AN4367 Datasheet HTML 11Page - STMicroelectronics AN4367 Datasheet HTML 12Page - STMicroelectronics AN4367 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID025333 Rev 1
11/13
AN4367
SPC56EL60xx/SPC56xL70xx exception cases
12
3.1.2
Machine check exception status
3.1.3
User exception handler
Handler has to analyze:
Type of access, instruction fetch, data read, data write. Only instruction fetch or data
read access are expected in case of 2bECC Flash error
Memory range
Memory access must be within area belonging to the Flash memory. User has to know
which part belongs to the code flash and which part to the data flash memory.
3.1.4
Error solving
Flash 2b ECC error can be solved only with erase of the flash sector containing the cell with
2b ECC error. It is usually not the thing to be done in the exception handler itself, because it
takes significant amount of time.
It is application specific the decision what to do in case of 2b ECC error, if to go to degraded
mode or to continue, the case of EEPROM emulation, and to solve the issue later in the
application.
If the decision is to continue, user handler has to request modification of the MCSRR0
register to continue the program flow with next instruction. Otherwise program would be
stuck in the read of the fault flash address invoking machine checks.
Table 5. Flash 2b ECC - machine check exception status
Register
Description
MCSRR0
Address of the instruction that caused the exception. In case of ECC error in the data flash
area, register modification will be most probably needed.
MCSR
Type of operation is highlighted here, instruction fetch, data load or data write.
MCAR
Target address that was accessed, but finished with 2b ECC error. This address can be
used for further analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com