Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4368 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4368
Description  Signal conditioning for pyroelectric passive infrared
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4368 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4368 Datasheet HTML 5Page - STMicroelectronics AN4368 Datasheet HTML 6Page - STMicroelectronics AN4368 Datasheet HTML 7Page - STMicroelectronics AN4368 Datasheet HTML 8Page - STMicroelectronics AN4368 Datasheet HTML 9Page - STMicroelectronics AN4368 Datasheet HTML 10Page - STMicroelectronics AN4368 Datasheet HTML 11Page - STMicroelectronics AN4368 Datasheet HTML 12Page - STMicroelectronics AN4368 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN4368
Consumption
DocID025334 Rev 1
9/18
4
Consumption
Consumption is a key feature for portable applications. The schematics in Section 3:
"Three-stage architecture for detecting motion" have been designed to optimize
consumption and to be 3.3 V compatible, especially with regard to microcontrollers.
The main consumption is due to the sensor which consumes 19 µA. The rest of the
application consumes 4.8 µA as follows:
a TSU104 op-amp consumes 2.4 µA
the divider bridge, composed of R6, R7, R8, and R9, consumes 2.4 µA
The consumption of the divider bridge could be reduced by multiplying the resistor values
but at the cost of reliability. When impedances are high, the impact of dust or moisture is
higher. These perturbations can create parasitic impedances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com