Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4371 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4371
Description  In automotive more and more often comes in foreground
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4371 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4371 Datasheet HTML 5Page - STMicroelectronics AN4371 Datasheet HTML 6Page - STMicroelectronics AN4371 Datasheet HTML 7Page - STMicroelectronics AN4371 Datasheet HTML 8Page - STMicroelectronics AN4371 Datasheet HTML 9Page - STMicroelectronics AN4371 Datasheet HTML 10Page - STMicroelectronics AN4371 Datasheet HTML 11Page - STMicroelectronics AN4371 Datasheet HTML 12Page - STMicroelectronics AN4371 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DocID025337 Rev 1
9/29
AN4371
ADC built-in self-test
28
Note:
These values are unique for each sample.
W3
18h
0xF873F732
STAW5R
C1-C17
0x873h
0x732h
W4
1Ch
0xF75AF4DF
STAW0R
S0_3.3V
0x75Ah
0x4DFh
W5
20h
0xF4D0F2DB
STAW0R
S0_5.0V
0x4D0h
0x2DBh
W6
24h
0xF003F002
STAW1AR
S1(INT)
0x3h
0x2h
W7
28h
0xF3D9F1E3
STAW1BR
S1(FRAC)
0x3D9h
0x1E3h
W8
2Ch
0xFFFFFFF9
STAW2R
S2
0xFFFh
0xFF9h
Table 2. Typical values stored in Test sector of Flash memory (continued)
Word
Flash
location
offset
Value in flash
Loads to
STAWxR
Step
THRH
THRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com