Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4587 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4587
Description  Input bias current of a chopper amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4587 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4587 Datasheet HTML 1Page - STMicroelectronics AN4587 Datasheet HTML 2Page - STMicroelectronics AN4587 Datasheet HTML 3Page - STMicroelectronics AN4587 Datasheet HTML 4Page - STMicroelectronics AN4587 Datasheet HTML 5Page - STMicroelectronics AN4587 Datasheet HTML 6Page - STMicroelectronics AN4587 Datasheet HTML 7Page - STMicroelectronics AN4587 Datasheet HTML 8Page - STMicroelectronics AN4587 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID026923 Rev 1
5/14
AN4587
What causes Iib spikes
14
Figure 5 and 6 are a snapshot scope of the current in the input pins of the TSZ121 at
different Vcc while Figure 7 and 8 are simulations of the current in the input pins. Effectively,
we can see that when the Vcc is low, the amplitude of the spikes on the input bias current is
largely attenuated.
The input bias current of the TSZ121 datasheet is an average of this current over a long
period.
This average DC current can also be expressed mathematically.
We can see in Figure 1 that there are two stages of MOS, meaning that the charges are
injected twice at every clock cycle. So, we can deduce a net DC current on the inputs given
by Equation 2.
Equation 2
Where fchop is the chopping frequency.
Figure 5. TSZ121 input bias current spike,
Vcc = 5.5 V
Figure 6. TSZ121 input bias current spike,
Vcc = 1.8 V
Figure 7. Simulation of input bias current,
Vcc = 5.5 V
Figure 8. Simulation of input bias current,
Vcc = 1.8 V
IinjDC
2
fchop
Q
⋅⋅
=
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com