Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3033 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3033
Description  Wide Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3033 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3033 Datasheet HTML 1Page - KR Electronics, Inc. 3033 Datasheet HTML 2Page - KR Electronics, Inc. 3033 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2011, KR Electronics, Inc.
3033, 600 KHz to 20 MHz Bandpass, Rev 0, July 9, 2011
Parameter
Specification
Filter type
Bandpass
Passband (<2 dB)
600 KHz to 20 MHz
Typical <1 dB
Rejection at 450 KHz
50 dB min
Source and Load
50

KR Electronics 3033
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Rectangular Case 1” x 1” x 2.5”
2.
BNC(f) Connectors Input/Output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com