Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1313 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1313
Description  Porting an application from the ST10F168 to the ST10F269
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1313 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1313 Datasheet HTML 1Page - STMicroelectronics AN1313 Datasheet HTML 2Page - STMicroelectronics AN1313 Datasheet HTML 3Page - STMicroelectronics AN1313 Datasheet HTML 4Page - STMicroelectronics AN1313 Datasheet HTML 5Page - STMicroelectronics AN1313 Datasheet HTML 6Page - STMicroelectronics AN1313 Datasheet HTML 7Page - STMicroelectronics AN1313 Datasheet HTML 8Page - STMicroelectronics AN1313 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AN1313 - APPLICATION NOTE
4/16
2 - MODIFIED FUNCTIONALITIES
2.1 - Pin Out
2.1.1 - Pin 84
This pin was named Vpp/RPD on the ST10F168 and was the 12V input pin for Flash programming. In the
ST10F269, it is now only used as RPD as the Flash is a single voltage one.
2.1.1.1 - Hardware Impact
This pin is no longer designed to accept 12V inputs. Its ratings are the same as any other pin: -0.5V to
VDD +0.5V.
2.1.1.2 - Software Impact
None.
Note:
Some applications migth be using the Vpp pin as a protection for Flash programming by software
controlling the 12V charge pump. The ST10F269 being now a single voltage Flash, Vpp will
appear as permanently “ON” and thus such a protection can not be reproduced with the
ST10F269.
2.1.2 - Pins 17 and 56
For the ST10F168, these are VDD pins connected to 5Volts.
For the ST10F269, these pins 17 and 56 are de-coupling pins for the 3,3V and respectively named DC2
and DC1. A de-coupling capacitor must be connected to these pins and the nearest VSS.
2.1.2.1 - Hardware Impact
The application board should be re-designed in order to introduce the decoupling capacitors.
2.1.2.2 - Software Impact
None.
2.2 - XRAM
The ST10F168 has only 6KBytes of extension RAM while the ST10F269 has 10KBytes.
The XRAM address range in the ST10F168 is 00’D000h - 00’E7FFh and is enabled if XPEN (bit 2 of
SYSCON register) is set.
The XRAM of the ST10F269 is divided into 2 ranges named XRAM1 of 2KBytes and XRAM2 of 8KBytes:
– The XRAM1 address range is 00’E000h - 00’E7FFh if enabled (XPEN set -bit 2 of SYSCON register-
AND XRAM1EN set - bit 2 of XPERCON register-).
– The XRAM2 address range is 00’C000h - 00’DFFFh if enabled (XPEN set -bit 2 of SYSCON register-
AND XRAM2EN set - bit 3 of XPERCON register-).
2.2.1 - Hardware Impact
None.
2.2.2 - Software Impacts
The memory mapping of the application may be impacted by the difference in XRAM size or by the
separation in 2 ranges independently selectable.
In the ST10F168, setting XPEN bit in SYSCON register enables the XRAM.
In the ST10F269, setting XPEN bit in SYSCON register enables the XRAM1 only (default reset
configuration of the new XPERCON register). Thus accesses to the range 00’D000h - 00’DFFFh that was
part of the ST10F168 XRAM will be redirected to external memory.
Three configurations may be seen:
1.
Configuration 1: no external memory in address range 00’C000h - 00’CFFFh.
Impact: one register to configure.
Work-around: Set the bit XRAM2EN of XPERCON new register. It enables the second XRAM range.
The total XRAM range is then 00’C000h - 00’E7FFh which includes the ST10F168 range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com