Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2621 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2621
Description  TS488/9 low power stereo headphone amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2621 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2621 Datasheet HTML 1Page - STMicroelectronics AN2621 Datasheet HTML 2Page - STMicroelectronics AN2621 Datasheet HTML 3Page - STMicroelectronics AN2621 Datasheet HTML 4Page - STMicroelectronics AN2621 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN2621
2/5
1
Description of the evaluation board
The DEMOTS488/9 is an evaluation board designed for the TS488/9 pop-free 120mW
stereo headphone amplifier.
The gain (AV) is set at 1 V/V for both channels and can be adapted if necessary with a
modification of R11 or R12 values for channel 1, and of R21 or R22 values for channel 2.
C11 with R11 (or C21 with R21) create an input high-pass filter with a cut-off frequency of
24.1Hz.
C13 with a 16
Ω load (or C23 with a 32Ω load) create an output high-pass filter with a cut-off
frequency of 45.2Hz (22.6Hz). For information on how to change the value of the cut-off
frequency, refer to the datasheet.
The C12 and C22 component locations are left empty in order to add a low-pass filter if
required.
Caution:
When you apply the power supply through P1, do not invert the polarity because it would
destroy the amplifier at U1.
Table 1.
Gain per channel
Channel
Gain (V/V)
Channel 1
Channel 2
Table 2.
Evaluation board connectors
Connector
Description
P1
Power connector (VCC and GND). Power supply voltage from 2.2V to 5.5V
P2
Standby control connector:
pins 1 and 2 are shorted, TS488 operation mode, TS489 standby mode
pins 2 and 3 are shorted, TS488 standby mode, TS489 operation mode
The connector pins are as follows:
–1: VCC
– 2: Standby control
–3: GND
P10
Input signal connector (GND and active input signal). The pin 1 and 2 for the input 1
and the pin 3 and 4 for the input 2
P20
Output signal connector (GND and active output signal). The pin 1 and 2 for the
output 1 and the pin 3 and 4 for the output 2
A
V
R12
R11
-----------
=
A
V
R22
R21
-----------
=
`
12
3
`
12
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com