Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3348 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3348
Description  Porting eTPU code to eTPU compiler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3348 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3348 Datasheet HTML 1Page - STMicroelectronics AN3348 Datasheet HTML 2Page - STMicroelectronics AN3348 Datasheet HTML 3Page - STMicroelectronics AN3348 Datasheet HTML 4Page - STMicroelectronics AN3348 Datasheet HTML 5Page - STMicroelectronics AN3348 Datasheet HTML 6Page - STMicroelectronics AN3348 Datasheet HTML 7Page - STMicroelectronics AN3348 Datasheet HTML 8Page - STMicroelectronics AN3348 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN3348
Functional incompatibilities
Doc ID 018510 Rev 2
5/10
3
Functional incompatibilities
After your application builds with EC, it is time to make sure it also does what it meant to do.
This section describes the main topics which should be considered when porting the code.
There are two main reasons for these incompatibilities: previous tools generated code which
do not comply with the standards and code which is written in an unsafe way which is in
times ambiguous and in times incorrect. This document would suggest the best way for
fixing the ambiguity and for writing a safer code which is not implementation dependent.
3.1
C99 and TR18037 compliance
3.1.1
Types
●
int
and fract interaction: applications which are using fract arithmetic should be
reviewed carefully. TR18037 specifically says that a conversion from fract to int
implies rounding towards 0. During porting of several functions we've noticed that
programmers used int and fract variables together as if no conversion occurs
between them (this was the Bytecraft tools behavior). If you want no conversion to
occur use the _int_from_fract intrinsic functions. Notice that the type of a variable
determines the code generated for it, for example if we multiply two fract variables
the compiler would used a fract multiplication instruction and if the variables are of
type int an int multiplication would be generated so a lot of care should be used
when reviewing such code.
●
Specifying a register should be considered as a type modifier and not as a type by
itself. If the type is not specified then the variable would be of default type int24. For
example:
register_diob x;
// x is of type int24 and is stored in diob
register_diob fract8 x; // x is of type fract8 and is stored in
// diob
●
Division of signed variables is correctly handled by the eTPU compiler whereas with
Bytecraft an unsigned division was generated. If the user meant an unsigned division
then he should change the types of variables or use casting before the division.
Note:
Signed division is much more expensive (both code size and cycles) so if you don't really
need it, make sure you use unsigned variables.
Signed bitfields are handled correctly by eTPU compiler whereas with Bytecraft it is treated
as unsigned.
3.2
Inline assembly topics
3.2.1
%hex <opcode>
During porting several applications we've noticed that in some cases users have inserted
hex
directives in their code. Although the converter has successfully converted this to a
.word
directive and the code compiles, this is a non portable feature which relies on
specific code generation. For example, if this opcode was a load from address 9 in memory
in which the user expected that a specific variable was allocated, it might be that it won't be
allocated in this location with EC. If this was a call to a function, then it encodes the address



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com