Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1012 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 5Page - STMicroelectronics AN1012 Datasheet HTML 6Page - STMicroelectronics AN1012 Datasheet HTML 7Page - STMicroelectronics AN1012 Datasheet HTML 8Page - STMicroelectronics AN1012 Datasheet HTML 9Page - STMicroelectronics AN1012 Datasheet HTML 10Page - STMicroelectronics AN1012 Datasheet HTML 11Page - STMicroelectronics AN1012 Datasheet HTML 12Page - STMicroelectronics AN1012 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AN1012
Battery backup current - predicting data retention time
Doc ID 6395 Rev 4
9/33
Figure 4.
Predicted battery storage life versus temperature
3.2
Calculating storage life
Only the user can estimate predicted storage life in a given design because the ambient
temperature profile is dependent upon application-controlled variables. As long as the
ambient temperature is held reasonably constant, the expected storage life can be read
directly from Figure 4 on page 9. If the battery spends an appreciable amount of time at a
variety of temperatures, the following formula can be used to estimate predicted storage life:
where,
●
ti /T is the relative proportion (of the total time) during which the device is at ambient
temperature TAi;
●
SLi is the storage life at ambient temperature TAi as illustrated in Figure 4; and
●
T is the total time = t1 + t2 + ... + tn.
For example, consider a battery exposed to temperatures of up to 90 °C for 600 hrs/yr, and
temperatures of 60 °C or less for the remaining 8160 hrs/yr. Reading predicted t1% values
from Figure 4,
●
SL1 is about 1.8 yrs;
●
SL2 is about 28 yrs;
●
T is 8760 hrs/yr;
●
t1 is 600 hrs/yr; and
●
t2 is 8160 hrs/yr.
The predicted storage life evaluates to:
This predicts that the storage life, in this particular case, is at least 14 years. This is,
therefore, better than the normally accepted life time of 10 years.
AI01024b
20
30
40
50
60
70
80
90
1
2
3
4
5
8
6
TEMPERATURE (Degrees Celsius)
10
20
30
40
50
SL50% (AVERAGE)
SL1%
1
–
t
1
T
-----
1
SL
1
----------
×
⎝⎠
⎜⎟
⎛⎞
t
2
T
-----
1
SL
2
----------
×
⎝⎠
⎜⎟
⎛⎞
…
t
n
T
-----
1
SL
n
----------
×
⎝⎠
⎜⎟
⎛⎞
++
+
1
–
600
8760
---------------
1
1.8
---------
×
⎝⎠
⎛⎞
8160
8760
---------------
1
28
------
×
⎝⎠
⎛⎞
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com