Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3407 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3407 Datasheet HTML 5Page - STMicroelectronics AN3407 Datasheet HTML 6Page - STMicroelectronics AN3407 Datasheet HTML 7Page - STMicroelectronics AN3407 Datasheet HTML 8Page - STMicroelectronics AN3407 Datasheet HTML 9Page - STMicroelectronics AN3407 Datasheet HTML 10Page - STMicroelectronics AN3407 Datasheet HTML 11Page - STMicroelectronics AN3407 Datasheet HTML 12Page - STMicroelectronics AN3407 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AN3407
Efficiency measurements
Doc ID 018857 Rev 1
9/25
3
Efficiency measurements
Table 1 shows the overall efficiency, measured at 115 VAC - 60 Hz. Table 2 shows the overall
efficiency, measured at 230 VAC - 50 Hz.
The overall circuit efficiency is measured at different loads, powering the board at the two
nominal input mains voltages. The measures have been done after 30 minutes at load. The
high efficiency of the PFC working in transition mode and the very high efficiency of the
resonant stage working in ZVS provides for an overall efficiency better than 90%.
Figure 7 shows the efficiency at 25%, 50%, 75% and 100% load at 115 VAC and 230 VAC.
Figure 8 shows the efficiency at full load over the entire AC input voltage mains range.
Figure 9 shows the power factor (PF) versus load variations.
Table 1.
Efficiency at 115 VAC
Load
115 VAC - 60 Hz
Vout (V)
Iout (A)
Pout (W)
Pin (W)
PF
Eff (%)
25%
48.67
0.525
25.55
29.30
0.982
87.21
50%
48.67
1.050
51.10
55.87
0.996
91.47
75%
48.67
1.560
75.93
82.01
0.995
92.58
100%
48.67
2.086
101.53
109.28
0.991
92.90
Average eff.
91.04
Table 2.
Efficiency at 230 VAC
Load
230 VAC - 50Hz
Vout (V)
Iout (A)
Pout (W)
Pin (W)
PF
Eff (%)
25%
48.67
0.525
25.55
29.45
0.793
86.76
50%
48.67
1.048
51.01
55.59
0.924
91.76
75%
48.67
1.560
75.93
81.06
0.966
93.67
100%
48.67
2.083
101.38
107.46
0.980
94.34
Average eff.
91.63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com