Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4402 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 3Page - STMicroelectronics AN4402 Datasheet HTML 4Page - STMicroelectronics AN4402 Datasheet HTML 5Page - STMicroelectronics AN4402 Datasheet HTML 6Page - STMicroelectronics AN4402 Datasheet HTML 7Page - STMicroelectronics AN4402 Datasheet HTML 8Page - STMicroelectronics AN4402 Datasheet HTML 9Page - STMicroelectronics AN4402 Datasheet HTML 10Page - STMicroelectronics AN4402 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DocID025557 Rev 1
7/39
AN4402
Active clamp of the L99MC6 and L9733
38
2.1
Low-side configured outputs
Right after the turn-off of a low-side switch, the inductor current decreases, and VL goes
negative with the sign convention (Figure 3). Consequently, the MOSFET drain-source
voltage VDS increases until VDS reaches VZENER_LS + VF + VGS_TH = VCL_LS. At this
moment the MOSFET is turned back on in linear mode.
The control loop consisting of a zener between the MOSFET gate and drain (Figure 3) is
called the gate-drain clamp in the rest of the document. This circuits maintains VDS (=VD,
since the source is connected to GND in this case) to VCL_LS until the energy stored in the
inductor is completely dissipated (waveform on Figure 2). VCL_LS has been chosen below
the MOSFET breakdown in order to avoid the avalanche conditions. This protection reduces
the stress applied to the MOSFET.
Figure 3. Low-side of a L99MC6 during the turn-off phase
2.2
High-side configured outputs
For a high-side configured output, either the gate-drain clamp or the gate-source clamp is
activated (Figure 7 and Figure 8), depending on the conditions.
We can distinguish two cases:
•
Case 1: VBAT < VCL_LS - VCL_HS
•
Case 2: VBAT > VCL_LS - VCL_HS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com