Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSPS7321P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSPS7321P
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSPS7321P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSPS7321P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSPS7321P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSPS7321P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSPS7321P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSPS7321P
-13A , -20V , RDS(ON) 14 mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
19-Jul-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
B
E
F
G
g
A
e
b
θ
D
C
d
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to provide
low RDS(on) and to ensure minimal power loss and
heat dissipation.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
DFN3x3-8PP saves board space
Fast switching speed
High performance trench technology
APPLICATION
DC-DC converters and power management in portable
and battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless telephones.
PACKAGE INFORMATION
Package
MPQ
Leader Size
DFN3x3-8PP
3K
13 inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
1
TA=25°C
ID
-13
A
TA=70°C
-11
A
Pulsed Drain Current
2
IDM
-50
A
Continuous Source Current (Diode Conduction)
1
IS
-2.1
A
Total Power Dissipation
1
TA=25°C
PD
3.5
W
TA=70°C
2.0
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Ratings
Thermal Resistance Junction-Ambient (Max.)
1 t ≦ 5 sec
RθJA
35
°C / W
Steady State
81
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
DFN3x3-8PP
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.70
0.90
θ
0
°
12
°
B
3.00BSC
b
0.20
0.40
C
0.10
0.25
d
0.65BSC
D
1.80
2.3
e
3.00BSC
E
3.2BSC
g
0.70(TYP.)
F
0.01
0.02
G
2.35BSC
Top View


Similar Part No. - SSPS7321P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSPS7321P SECOS-SSPS7321P Datasheet
525Kb / 4P
-13A , -20V , RDS(ON) 14 m P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSPS7321P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com