Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4439 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4439
Description  L99ASC03 current sense amplifier offset adjust
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4439 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4439 Datasheet HTML 1Page - STMicroelectronics AN4439 Datasheet HTML 2Page - STMicroelectronics AN4439 Datasheet HTML 3Page - STMicroelectronics AN4439 Datasheet HTML 4Page - STMicroelectronics AN4439 Datasheet HTML 5Page - STMicroelectronics AN4439 Datasheet HTML 6Page - STMicroelectronics AN4439 Datasheet HTML 7Page - STMicroelectronics AN4439 Datasheet HTML 8Page - STMicroelectronics AN4439 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID025908 Rev 1
5/16
AN4439
The L99ASC03 current sense amplifier circuit
15
1
The L99ASC03 current sense amplifier circuit
The L99ASC03 current sense amplifier consists of two stages. The first stage is a fixed gain
of 10 inverting amplifier. The second stage is a programmable gain inverting amplifier. The
second stage programmable voltage gain (AV2) can be programmed for a gain of 2, 3, 7, or
10. This translates to system gain settings of 20, 30, 70 and 100 when considering both op-
amps.
Figure 1. L99ASC03 current sense amplifier circuit
Where:
•
R1=R2=10 kΩ +45 % / -15 % (semiconductor resistor vary a lot and they vary together.
As a result ratios stay fairly tight)
•
VX = 2.5 V +/-2 %
With both the CSI+ and CSI- pins available we can add a few resistors to the CSI- pin to
generate an appropriate offset to bring the CSO @ 0 A to close to 0 V.
Figure 2. L99ASC03 input offset circuit
GAPG2002140828MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com