Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TN0108 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 18Page - STMicroelectronics TN0108 Datasheet HTML 19Page - STMicroelectronics TN0108 Datasheet HTML 20Page - STMicroelectronics TN0108 Datasheet HTML 21Page - STMicroelectronics TN0108 Datasheet HTML 22Page - STMicroelectronics TN0108 Datasheet HTML 23Page - STMicroelectronics TN0108 Datasheet HTML 24Page - STMicroelectronics TN0108 Datasheet HTML 25Page - STMicroelectronics TN0108 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
CTU (Cross Triggering Unit)
TN0108
22/26
Doc ID 15874 Rev 2
8
CTU (Cross Triggering Unit)
8.1
CTU source update
The Cross Triggering Unit (CTU) provides a mechanism for an eMIOS or PIT timer event to
synchronize an ADC conversion. The CTU provides the ADC a channel number to define
which channel triggers the conversion.
On Cut 2 devices, channel 24 of eMIOS_0 and eMIOS_1 has been added as a trigger
source for the ADC. These channels, both type X, support OPWMT mode, which can be
used in conjunction with the ADC for lighting applications.
For full details of the CTU channels consult the device reference manual, where is a table
showing all of the CTU channel sources.
8.2
CTU PIT/eMIOS configuration change
On Cut 1 devices, the PIT_3 is mapped to CTU channel 28 and eMIOS_0 channel 23 is
mapped to CTU channel 23.
On Cut 2 devices, PIT_3 has been moved to CTU channel 23.
For the full CTU trigger source mapping, consult the device reference manual.
Table 22.
Additional CTU sources
Silicon revision
Additional CTU channels
CTU source number
SPC560B Cut 2
eMIOS_0 Channel 24 (Type X)
24
eMIOS_1 Channel 24 (Type X)
48
Table 23.
CTU PIT trigger source
Silicon revision
CTU channel 23
CTU channel 28
SPC560B Cut 1.1
eMIOS_0 Channel 23
PIT_3
SPC560B Cut 2
PIT_3
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com