Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

10-00441 Datasheet(PDF) 2 Page - Tensility International Corp.

Part # 10-00441
Description  Cable, 1830 mm, 4P DIN female 50-00178 to stripped tinned, 20 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

10-00441 Datasheet(HTML) 2 Page - Tensility International Corp.

  10-00441 Datasheet HTML 1Page - Tensility International Corp. 10-00441 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
rev:
page:
March 8, 2011
A
10-00441
Cable, 1830 mm, 4P DIN female 50-00178,
to stripped tinned, 20 AWG, UL2464
30-00024, shielded
2 of 2
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and confirm that it meets your
requirements. This specification reflects the part as it will be ordered. Orders will not be processed until the specification pages have
been initialed and the approval page has been signed. This specification is confidential and is not to be transmitted without prior
approval from Tensility.
Signature
Title
Name
Date
Company
Branch
Specification Approval
Revision notes:
Rev
Date
Description
A
March 8, 2011
initial release



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com