Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN604 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN604
Description  Calculation of conduction losses in a power rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN604 Datasheet(HTML) 5 Page - STMicroelectronics

  AN604 Datasheet HTML 1Page - STMicroelectronics AN604 Datasheet HTML 2Page - STMicroelectronics AN604 Datasheet HTML 3Page - STMicroelectronics AN604 Datasheet HTML 4Page - STMicroelectronics AN604 Datasheet HTML 5Page - STMicroelectronics AN604 Datasheet HTML 6Page - STMicroelectronics AN604 Datasheet HTML 7Page - STMicroelectronics AN604 Datasheet HTML 8Page - STMicroelectronics AN604 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN604
Diode forward characteristics
Doc ID 3607 Rev 3
5/12
For any junction temperature VT0(Tj), RD(Tj) and the forward voltage drop VF(IF,Tj) can be
calculated as follow:
Equation 5
Equation 6
Equation 7
Where
αVTO and αRD are thermal coefficients calculated from the 2 reference temperatures:
Tjref1 and Tjref2. A common choice of Tjref1 and Tjref2 is 25 °C and 125 °C. These thermal
coefficients are calculated with the following equations:
Equation 8
Equation 9
Note:
αVT0 < 0 and αRD > 0 whatever the diode technology.
()
jRef1
j
T0
V
jRef1
T0
j
T0
T
T
α
)
(T
V
)
(T
V
−
⋅
+
=
()
jRef1
j
D
R
jRef1
D
j
D
T
T
α
)
(T
R
)
(T
R
−
⋅
+
=
()
()
F
D
R
T0
V
jRef1
j
jRef1
F
F
j
F
F
I
α
α
T
T
)
T
,
(I
V
)
T
,
(I
V
⋅
+
⋅
−
+
=
() ( )
jref1
jref2
jref1
T0
jref2
T0
T0
V
T
T
T
V
T
V
α
−
−
=
() ( )
jref1
jref2
jref1
D
jref2
D
D
R
T
T
T
R
T
R
−
−
=
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com