Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1702 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1702
Description  ST485EB for e-meter applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1702 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1702 Datasheet HTML 1Page - STMicroelectronics AN1702 Datasheet HTML 2Page - STMicroelectronics AN1702 Datasheet HTML 3Page - STMicroelectronics AN1702 Datasheet HTML 4Page - STMicroelectronics AN1702 Datasheet HTML 5Page - STMicroelectronics AN1702 Datasheet HTML 6Page - STMicroelectronics AN1702 Datasheet HTML 7Page - STMicroelectronics AN1702 Datasheet HTML 8Page - STMicroelectronics AN1702 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AN1702
RS-485 advantages
5/11
2
RS-485 advantages
Data transmission in e-meter applications occurs in noisy environments. Meters are
connected to the ac voltage, often located near industrial machinery or home appliances
and the transmission line is often very long (hundreds of meters) allowing atmospheric noise
to degrade signal quality.
For these reasons, RS-485 signaling is particularly relevant. Its differential drivers and
receivers, reject external noise (theoretically coupled equally into both lines) with high field
strength.
Project equipment using RS-485 signaling requires the application of some rules.
Differential lines must be kept close to each other, the use of a twisted pair cable is
recommended and the board layout should be done with traces of equal length for the
differential signals. Impedance matching also has to be considered in order to avoid signal
reflections.
3
Signal levels
RS-485 drivers must produce a differential output voltage of at least 1.5 V into a 54
Ω load
(usually the lines are terminated at both ends with a 120
Ω resistor; each driver seeing a
120/2=60
Ω load, 54 Ω being the worst case (10% tolerance). Receivers must detect a
differential voltage as low as 200 mV. This is because if a degradation of the signal occurs
across the line, the communication must not be affected. However, the driver differential
output voltage depends on its output current capability. If many receivers are connected to
the line, the driven load seen by the driver increases, as receivers are added to the bus,
requiring more current. The RS-485 standard defines a unit load (UL), which is about a 12
k
Ω resistance over the bus voltage range interval (-7 to +12 V). RS-485 drivers must
generate the required output minimum voltage (1.5 V) with at least 32 unit loads on a
terminated bus with a 120
Ω resistor on each end of the line.
The ST485EB is a half-duplex RS-485 transceiver with a low unit load. A network provided
with these 1/8 UL transceivers allows interconnection of 256 nodes, driven by means of a
standard compliant driver, without overloading it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com