Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1714 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 5Page - STMicroelectronics AN1714 Datasheet HTML 6Page - STMicroelectronics AN1714 Datasheet HTML 7Page - STMicroelectronics AN1714 Datasheet HTML 8Page - STMicroelectronics AN1714 Datasheet HTML 9Page - STMicroelectronics AN1714 Datasheet HTML 10Page - STMicroelectronics AN1714 Datasheet HTML 11Page - STMicroelectronics AN1714 Datasheet HTML 12Page - STMicroelectronics AN1714 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
AN1714
Powerline communication
9/46
meters at 100 and 150 kHz respectively. Primarily the length of the triplex wire connecting
the residences to the distribution transformer determines the length of the communication
path on the secondary side of the power distribution system. Usually, several residences
use the same distribution transformer. It would be rare that a linear run of this wiring would
exceed 250 meters in length although the total length of branches might occasionally
exceed 250 meters. Thus standing wave effects would be rare at frequencies below 150 kHz
for residential wiring.
1.2
ST7538Q FSK powerline transceiver description
The ST7538Q transceiver performs a half-duplex communication over the powerline
network using Frequency Shift Keying (FSK) modulation. The FSK modulation technique
translates a digital signal into a sinusoidal signal that can have two different frequency
values, one for the high logic level of the digital signal (fH), the second one for the low level
(fL), as depicted in Figure 5.
Figure 5.
FSK modulation
The average value of the two tones is the carrier frequency (fC). The difference or distance
between the two frequencies is a function of the baud-rate (BAUD) of the digital signal (the
number of symbols transmitted in one second) and of the deviation (dev). The relationship
is:
Equation 1
The ST7538Q can be programmed to communicate using eight different frequency
channels (60, 66, 72, 76, 82.05, 86, 110 and 132.5 kHz), four baud rates (600, 1200, 2400
and 4800 symbols per second) and two frequency deviations (1 and 0.5).
The device operates from a 7.5 to 12.5 V single supply voltage (PAVcc) and integrates a
differential-output PowerLine Interface (PLI) stage and two linear regulators providing 5 V
(VDC) and 3.3 V (DVdd).
Many auxiliary functions are integrated. The transmission section includes automatic control
on PLI output voltage and current, programmable timeout function and thermal shutdown.
The reception section includes automatic input level control, carrier/preamble detection and
band-in-use signaling.
Additional features are included, such as a watchdog timer, zero-crossing detector, internal
oscillator and a general purpose op-amp.
The serial interface (configurable as UART or SPI) allows interfacing to a host
microcontroller, intended to manage the communication protocol. A reset output (RSTO)
and a programmable 4-8-16 MHz clock (MCLK) can be provided to the microcontroller to
simplify the application.
f
H
f
L
–
BAUD
dev
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com