Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2503 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 3Page - STMicroelectronics AN2503 Datasheet HTML 4Page - STMicroelectronics AN2503 Datasheet HTML 5Page - STMicroelectronics AN2503 Datasheet HTML 6Page - STMicroelectronics AN2503 Datasheet HTML 7Page - STMicroelectronics AN2503 Datasheet HTML 8Page - STMicroelectronics AN2503 Datasheet HTML 9Page - STMicroelectronics AN2503 Datasheet HTML 10Page - STMicroelectronics AN2503 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AN2503
PDP basic
7/30
When the polarity of the sustain pulse is reversed, the potential difference across the gap
becomes larger than Vbd by an amount determined by the wall charges, and a new large
discharge of different polarity occurs, as shown in Figure 6.
Figure 6.
Memory effect - discharge
The build-up of wall charges again terminates the discharge, as shown in Figure 7.
Figure 7.
Memory effect - wall charges deposit
The next discharge starts as the polarity of the sustain pulse is reversed, as shown in
Figure 8.
Figure 8.
Memory effect - discharge with reverse polarity
Once the discharge is initiated, it continues as long as the sustain pulse is applied. Due to
this memory characteristic of AC PDPs, lower sustain voltage (< Vbd) pulses can maintain
the ac PDPs to light.
In other words, the process of panel image displaying depends on a former process of panel
addressing. In fact, during the address phase a small amount of charges (wall charges)
deposit on the selected electrodes without any visible light emission. This reduces the
Address = Vs/2
X = GND
Y = Vs
3
Address = Vs/2
X = GND
Y = Vs
Address = Vs/2
X = Vs
Y = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com