Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3152 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3152
Description  The right technology for solar converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3152 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3152 Datasheet HTML 1Page - STMicroelectronics AN3152 Datasheet HTML 2Page - STMicroelectronics AN3152 Datasheet HTML 3Page - STMicroelectronics AN3152 Datasheet HTML 4Page - STMicroelectronics AN3152 Datasheet HTML 5Page - STMicroelectronics AN3152 Datasheet HTML 6Page - STMicroelectronics AN3152 Datasheet HTML 7Page - STMicroelectronics AN3152 Datasheet HTML 8Page - STMicroelectronics AN3152 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May 2010
Doc ID 17056 Rev 1
1/17
AN3152
Application note
The right technology for solar converters
Introduction
Following a short overview of types of solar power systems and converters, this application
note introduces a fully working, grid-connected solar inverter prototype suitable for rooftop
applications. This solar inverter has been equipped with STMicroelectronics’ MDmesh™
and silicon carbide (SiC) devices to allow evaluation of these products in “green”
technologies.
Thanks to ST’s newest technologies (MDmesh™ V and SiC) and a new converter
philosophy, a 650 V fast power MOSFET can be used to boost performance and reduce the
size of the converter. A stage-by-stage explanation is presented here, as well as the
topologies adopted, and a detailed analysis of the front-end stage of the inverter is
discussed. The BOOST stage is used as a case study to validate the performance of the
new power MOSFETs and diodes.
Everyone is thinking “green’ these days. Adding to the new green conscience are the
increasing costs of fossil and nuclear fuels, prompting the market to turn to creative
technologies that use renewable resources to produce energy. Energy produced from
renewable resources are becoming an important contribution to the world’s total energy
demand and will increase in the next decades. Solar photovoltaic technology represents one
of the most promising energy resources, due to its low environmental impact and high
reliability. Every photovoltaic (PV) system consists of a module array and an inverter. The
inverter module is mandatory on all grid-connected applications, in order to amplify the low
DC voltage generated by the module to the higher AC level required by the grid. If several
modules are connected in series it might not be necessary to include amplification, but in
any case a maximum power point tracking (MPPT) function is required.
This prototype has a wide operating input voltage range (from 200 V to 400 V), and 3 kW of
maximum power output, since it is intended for rooftop applications. Total efficiency must be
at least 97%, and an MPPT function is implemented in order to enable panels to work at
their highest efficiency. In fact, the PV module (or modules, if connected in series) changes
its maximum power point continually during normal operation due to the variances in solar
radiation caused by shade or weather.
www.st.com


Similar Part No. - AN3152

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN315 SILABS-AN315 Datasheet
172Kb / 8P
ROBUST ELECTRICAL SURGE IMMUNITY FOR POE PDS THROUGH INTEGRATED PROTECTION
logo
List of Unclassifed Man...
AN315 ETC2-AN315 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Freescale Semiconductor...
AN3150 FREESCALE-AN3150 Datasheet
183Kb / 4P
Soldering Recommendations for Pressure Sensor Devices
logo
STMicroelectronics
AN3150 STMICROELECTRONICS-AN3150 Datasheet
866Kb / 25P
Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
28-May-2013
AN3151 STMICROELECTRONICS-AN3151 Datasheet
952Kb / 34P
Digital constant-current controller
24-Aug-2010
More results

Similar Description - AN3152

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
STF PREMO-STF Datasheet
182Kb / 2P
Three PhaseNeutral Filters For Solar Technology Applications
logo
Infineon Technologies A...
IPD050N03L INFINEON-IPD050N03L_08 Datasheet
636Kb / 12P
Fast switching MOSFET for SMPS Optimized technology for DC/DC converters
Rev. 1.02 2008-04-15
IPF135N03LG INFINEON-IPF135N03LG Datasheet
536Kb / 12P
OptiMOS 3 Power-Transistor Features Optimized technology for DC/DC converters
Rev. 1.0 2006-10-23
logo
Molex Electronics Ltd.
63901-4700 MOLEX11-63901-4700 Datasheet
50Kb / 1P
FineAdjust for Solar Shingle Receptacle Terminals
logo
Infineon Technologies A...
IPB015N08N5 INFINEON-IPB015N08N5 Datasheet
1Mb / 12P
Optimized technology for DC/DC converters
Rev.2.1,2015-10-15
IPA041N04NG INFINEON-IPA041N04NG Datasheet
1Mb / 12P
Optimized technology for DC/DC converters
Rev.2.0,2014-03-12
logo
Vincotech
10-FY07HVA050S5-L984F08 VINCOTECH-10-FY07HVA050S5-L984F08 Datasheet
308Kb / 7P
For one-phase solar applications
10-FY07HVA100S5-L986F08 VINCOTECH-10-FY07HVA100S5-L986F08 Datasheet
314Kb / 7P
For one-phase solar applications
logo
Molex Electronics Ltd.
0639014700 MOLEX-0639014700 Datasheet
33Kb / 2P
FineAdjust for Solar Shingle Receptacle Terminals
08/26/2022
logo
Amphenol Industrial Pro...
IDS-109 AIO-IDS-109 Datasheet
612Kb / 2P
RadCrimp™ Solar Splice with Melni Spiral Termination Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com