Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4021 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4021
Description  Calculation of reverse losses in a power diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4021 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4021 Datasheet HTML 2Page - STMicroelectronics AN4021 Datasheet HTML 3Page - STMicroelectronics AN4021 Datasheet HTML 4Page - STMicroelectronics AN4021 Datasheet HTML 5Page - STMicroelectronics AN4021 Datasheet HTML 6Page - STMicroelectronics AN4021 Datasheet HTML 7Page - STMicroelectronics AN4021 Datasheet HTML 8Page - STMicroelectronics AN4021 Datasheet HTML 9Page - STMicroelectronics AN4021 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
An application example
AN4021
6/10
Doc ID 022588 Rev 1
3
An application example
Let us consider the example of a 45 W notebook adapter, using a flyback converter
(Figure 4) working in continuous mode. The input voltage Vin is 375 V and the output voltage
Vout is 14.5 V. The rectifier diode is a ST power Schottky STPS20M100S (20 A, 100 V).
Figure 5 shows the ideal waveforms of the diode. The duty-cycle of the transistor is:
δ = 0.2
and the transformer ratio is: m = 0.148.
Let us calculate the maximum reverse losses in the diode for this application.
Figure 4.
Flyback converter
Figure 5.
Ideal current and voltage waveforms of the diode in the flyback converter
Vout
STPS20M100S
Vin
I load
Control
m
t
t
0
Spike
I (t)
D
V
F
I
R
I (t)
D
V (t)
D
V (t)
D
-V
R
- (m · V + V )
in
out
δ·T
SW
T
SW
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com