Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4070 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4070
Description  250 W grid connected microinverter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4070 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4070 Datasheet HTML 3Page - STMicroelectronics AN4070 Datasheet HTML 4Page - STMicroelectronics AN4070 Datasheet HTML 5Page - STMicroelectronics AN4070 Datasheet HTML 6Page - STMicroelectronics AN4070 Datasheet HTML 7Page - STMicroelectronics AN4070 Datasheet HTML 8Page - STMicroelectronics AN4070 Datasheet HTML 9Page - STMicroelectronics AN4070 Datasheet HTML 10Page - STMicroelectronics AN4070 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
AN4070
DC-DC converter design
Doc ID 022934 Rev 1
7/53
2
DC-DC converter design
The topology chosen for the DC-DC section of the MIC is an isolated, interleaved boost
converter. The basic electrical scheme of such a converter is shown in Figure 3.
Figure 3.
DC-DC converter topology
It consists of an input capacitor C1, two inductors, L1 and L2, two ground referenced
MOSFETs, MOS1 and MOS2, a high frequency transformer, T1, two rectifier diodes, D1 and
D2, and three output capacitors, C2, C3 and C4. The two rectifier diodes, together with C2
and C3, form a voltage doubler circuit which is used to further boost the HF transformer
output voltage. The advantage of such a solution, compared to a standard one using four
rectifier diodes, is to halve the transformer turns ratio, with consequent realization of a
shorter secondary winding which, in turn, means better primary to secondary flux coupling
and lower secondary winding conduction losses. The two driving signals used to command
the two MOSFET gates are 180 degree phase shifted with respect to each other and always
have a duty cycle >0.5.
This introduces the problem of controlling the DC-DC operation at very low output power.
Two solutions can be used to overcome this problem. With the first solution the DC-DC
converter is controlled by keeping the duty cycle at the minimum allowable value and the
switching frequency is used as a control variable. The second solution uses a constant
switching frequency and enables burst mode operation. This second case is the preferred
method of control at low power. The implementation of burst mode is based on the definition
of a suitable hysteresis bandwidth for the output voltage which is used to turn on and off the
modulation of the DC-DC converter.
Figure 3 shows the theoretical gate driving signals used to control MOS1 and MOS2. The
180 degree phase shift produces two phase shifted inductor currents (Figure 4) which in
turn produce the beneficial effect of input and output current ripple cancellation. This allows
the use of small capacitor values to filter the high frequency content of input and output
currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com