Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4356 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4356
Description  Antenna desense on handheld equipment
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4356 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4356 Datasheet HTML 5Page - STMicroelectronics AN4356 Datasheet HTML 6Page - STMicroelectronics AN4356 Datasheet HTML 7Page - STMicroelectronics AN4356 Datasheet HTML 8Page - STMicroelectronics AN4356 Datasheet HTML 9Page - STMicroelectronics AN4356 Datasheet HTML 10Page - STMicroelectronics AN4356 Datasheet HTML 11Page - STMicroelectronics AN4356 Datasheet HTML 12Page - STMicroelectronics AN4356 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DocID025260 Rev 1
9/14
AN4356
Solution to avoid antenna desense
14
Figure 12. ECMF02-2BF3 common mode rejection versus frequency
The device differential bandwidth is compliant with the eye diagram template of the
standard. Figure 13 shows the eye diagram compliance of an ECMF02-3HSM6 with MHL
template.
Figure 13. ECMF02-3HSM6, MHL eye diagram compliance
0
-5
-10
-15
-20
-25
-30
-35
-40
S21 (dB)
10 M
30 M
100 M
300 M
1 G
3 G
I-O
F (Hz)
MHL template 2.25 Gbps
200 mV/c
74.1 ps/c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com