Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4378 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4378
Description  Using the BlueNRG transceiver under FCC title 47 part 15
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4378 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4378 Datasheet HTML 5Page - STMicroelectronics AN4378 Datasheet HTML 6Page - STMicroelectronics AN4378 Datasheet HTML 7Page - STMicroelectronics AN4378 Datasheet HTML 8Page - STMicroelectronics AN4378 Datasheet HTML 9Page - STMicroelectronics AN4378 Datasheet HTML 10Page - STMicroelectronics AN4378 Datasheet HTML 11Page - STMicroelectronics AN4378 Datasheet HTML 12Page - STMicroelectronics AN4378 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID025421 Rev 1
9/19
AN4378
Transmitter parameter
19
3.3
Maximum power spectral density level in the fundamental
emission
The power spectral density conducted from the intentional radiator to the antenna shall not
be greater than 8 dBm in any 3 kHz band during any time interval of continuous
transmission. By rule, the same method as used to determine the conducted output power
shall be used to determine the power spectral density, i.e. if maximum peak conducted
output power was measured, then the peak PSD procedure shall be used; and if maximum
conducted output power was measured, then the average PSD procedure shall be used.
In this document, the maximum peak conducted output power is measured, so the peak
power spectral density measurement method is applied.
To perform this measurement, center the spectrum analyzer center frequency on the
desired channel. Set the span to 1.5 times the BlueNRG channel bandwidth. Set the RBW
greater than or equal to 3 kHz. Set the VBW greater than or equal to 3 times the RBW. The
detector must be set to peak and the trace set to max hold. Use the peak marker function to
determine the maximum amplitude level. If the measured value exceeds the limit, reduce
RBW (not less than 3 kHz) and repeat.
The measurement result is shown in Figure 6. The BlueNRG meets the power spectral
density requirement by a large margin.
Figure 6. Power spectral density measurement
AM17621v1
-60
-50
-40
-30
-20
-10
0
2.4005E+09
2.4010E+09
2.4015E+09
2.4020E+09
2.4025E+09
2.4030E+09
2.4035E+09
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com