Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4440 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4440
Description  RFFE HVDAC control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4440 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4440 Datasheet HTML 5Page - STMicroelectronics AN4440 Datasheet HTML 6Page - STMicroelectronics AN4440 Datasheet HTML 7Page - STMicroelectronics AN4440 Datasheet HTML 8Page - STMicroelectronics AN4440 Datasheet HTML 9Page - STMicroelectronics AN4440 Datasheet HTML 10Page - STMicroelectronics AN4440 Datasheet HTML 11Page - STMicroelectronics AN4440 Datasheet HTML 12Page - STMicroelectronics AN4440 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
DocID025913 Rev 1
9/36
AN4440
RFFE normal modes
36
3
RFFE normal modes
3.1
Basic mode
3.1.1
Definition
This mode is the easiest way to set one DAC value. The value of the DAC changes as soon
as the frame is sent.
The register selected in the frame sent defines the modified DAC and DATA sets its value.
Example 1
Set HVDAC output B to 2.8 V
USID: 0111b; B Register: 1 = 00001b; Data value: 2.8/0.1 V = 28d = 1C = 00011100b
Frame definition
Parity bit 1 = 0 (5 bytes to 1)
Parity bit 2 = 0 (3 bytes to 1)
Figure 6. Basic mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com