Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM0670 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 5Page - STMicroelectronics UM0670 Datasheet HTML 6Page - STMicroelectronics UM0670 Datasheet HTML 7Page - STMicroelectronics UM0670 Datasheet HTML 8Page - STMicroelectronics UM0670 Datasheet HTML 9Page - STMicroelectronics UM0670 Datasheet HTML 10Page - STMicroelectronics UM0670 Datasheet HTML 11Page - STMicroelectronics UM0670 Datasheet HTML 12Page - STMicroelectronics UM0670 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
STEVAL-ILL013V1 technical details
UM0670
9/43
Doc ID 15327 Rev 2
4
STEVAL-ILL013V1 technical details
●
80 W LED driver
●
350 mA, 700 mA and 1 A LED current settings
●
PF = 0.99 with VIN = 110 V or PF = 0.98 with VIN = 230 V
●
THD (total harmonic distortion) = 4.6 and VIN = 110 V or THD = 10.3 and VIN = 230 V
●
High PFC boost converter operating in transition mode
●
Modified buck converter working in CCM and using FOT network
●
Switching frequency f = 125 kHz / 350 mA (modified buck converter)
●
Switching frequency f = 69 kHz / 700 mA (modified buck converter)
●
Switching frequency f = 55 kHz / 1000 mA (modified buck converter)
●
The same inductor and transformer core used (E25)
●
Supply voltage provided for external PWM generator
●
Board size: 130 mm x 60 mm x 27 mm
●
Optional external PWM generator (non isolated)
●
Full brightness if PWM generator is not connected
●
Two output connectors for LEDs
●
High efficiency (~90%)
●
Wide input voltage range: 88 V to 265 VAC
●
Brightness regulation between 0% and 100%
●
EMI filter implemented
●
EN55015 and EN61000-3-2 tested
Figure 5.
STEVAL-ILL013V1 with PWM module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com