Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM0673 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0673
Description  The power board STEVAL-ISF001V2 is a 3 kW PFC designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0673 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0673 Datasheet HTML 10Page - STMicroelectronics UM0673 Datasheet HTML 11Page - STMicroelectronics UM0673 Datasheet HTML 12Page - STMicroelectronics UM0673 Datasheet HTML 13Page - STMicroelectronics UM0673 Datasheet HTML 14Page - STMicroelectronics UM0673 Datasheet HTML 15Page - STMicroelectronics UM0673 Datasheet HTML 16Page - STMicroelectronics UM0673 Datasheet HTML 17Page - STMicroelectronics UM0673 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Experimental measurements
UM0673
14/19
Doc ID 15337 Rev 2
Figure 6.
Common-mode inductor L1 (MAGNETICA 1745.0005) technical sheet
AM01976v1
TYPICAL APPLICATION
DISTURB SUPPRESSION ON AC/DC POWER LINE OF
270V MAX.
TECHNICAL DATA
INDUCTANCE (1-4=2-3)
n
i
m
H
m
2
(MEASURE 1KHZ, TA 20°C)
RESISTANCE (1-4=2-3)
10m
Ω max
(MEASURE D.C, TA 20°C)
LEAKAGE INDUCTANCE
%
1
NOM
(MEASURE 1-4 AND 2-3 IN S.C, F 10KHZ, TA 20°C)
OPERATING VOLTAGE
270VAC MAX
(F 50-60HZ, IR 18A MAX, TA 20°C)
OPERATING CURRENT
A
8
1
MAX
(MEASURE 1-4 AND 2-3 ,TA 20°C)
OPERATING FREQUENCY
50 – 60HZ
(CURRENT 18A MAX, TA 20°C)
INSULATION (1-4
⇔
⇔
⇔
⇔ 2-3)
1500V MAX
(F 50HZ, TEST DURATION 2”, TA 20°C)
OPERATING TEMPERATURE RANGE
-10°C
÷+45°C
(IR 18A MAX)
MAXIMUM DIMENSIONS
29X26 H46mm
WEIGHT
g
0
0
1
CIRCA
SCHEMATIC
SETUP OF MEASURE
COMMON MODE
DIFFERENTIAL MODE
ATTENUATION
COMMON MODE
DIFFERENTIAL MODE
4
1
0.1uF
3
2
0.1uF
3
4
1
2
1
4
2
3
STP 03
Product Technical Specification
Code:
1745.0005
Product: Common Mode Inductor 2x2mH 18A
Customer:
STMicroelectronics
Customer Code:
MAGNETICA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com