Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM1518 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1518
Description  ST7580 power line modem demonstration kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1518 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1518 Datasheet HTML 28Page - STMicroelectronics UM1518 Datasheet HTML 29Page - STMicroelectronics UM1518 Datasheet HTML 30Page - STMicroelectronics UM1518 Datasheet HTML 31Page - STMicroelectronics UM1518 Datasheet HTML 32Page - STMicroelectronics UM1518 Datasheet HTML 33Page - STMicroelectronics UM1518 Datasheet HTML 34Page - STMicroelectronics UM1518 Datasheet HTML 35Page - STMicroelectronics UM1518 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Services
UM1518
32/37
Doc ID 022791 Rev 2
Figure 27.
Ping Slave tab
Table 4.
Ping session: Slave tab parameters
Parameter
Type
Description
Reception settings
RX high freq [Hz]
Control
Frequency channel to be set for reception. It is overwritten
before starting Ping session as “High Frequency” value in MIB
object 01h (PHY configuration)
RX high channel mode
Control
Functional modulation (between PSK and FSK families) on high
channel. It is overwritten before starting Ping session as “RX
high channel modulation” value in MIB object 01h (PHY
configuration)
RX low freq [Hz]
Control
Frequency channel to be set for reception. It is overwritten
before starting Ping session as “Low Frequency” value in MIB
object 01h (PHY configuration)
RX low channel mode
Control
Functional modulation (between PSK and FSK families) on high
channel. It is overwritten before starting Ping session as “RX low
channel modulation” in MIB object 01h (PHY configuration)
Slave address settings
Slave address
Control
1-byte value (hexadecimal value) that sets the address value of
the Slave throughout the Ping session. The Slave retransmits
the received frames with the address field equal to this value.
Ping session settings
Stop condition
Control
Selection on stop event for Ping session
- Time: the Ping session ends after a selected time interval (in
seconds)
- Frame numbers: the Ping session ends after reception of a
selected frame number (not necessarily re-transmitted)
Reception
settings
Received frame
features:
Slave address
Data
Length
Modulation
PGA code
SNR value
Frequency
channel
Ping session
settings
Ping session activity
and results
Slave address
setting
AM16526v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com