Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17705 Datasheet(PDF) 2 Page - NEC

Part # UPD17705
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17705 Datasheet(HTML) 2 Page - NEC

  UPD17705 Datasheet HTML 1Page - NEC UPD17705 Datasheet HTML 2Page - NEC UPD17705 Datasheet HTML 3Page - NEC UPD17705 Datasheet HTML 4Page - NEC UPD17705 Datasheet HTML 5Page - NEC UPD17705 Datasheet HTML 6Page - NEC UPD17705 Datasheet HTML 7Page - NEC UPD17705 Datasheet HTML 8Page - NEC UPD17705 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
2
ORDERING INFORMATION
Part Number
Package
µPD17704GC-×××-3B9
80-pin plastic QFP (14
× 14 mm, 0.65 mm pitch)
µPD17705GC-×××-3B9
80-pin plastic QFP (14
× 14 mm, 0.65 mm pitch)
µPD17707GC-×××-3B9
80-pin plastic QFP (14
× 14 mm, 0.65 mm pitch)
µPD17708GC-×××-3B9
80-pin plastic QFP (14
× 14 mm, 0.65 mm pitch)
µPD17709GC-×××-3B9
80-pin plastic QFP (14
× 14 mm, 0.65 mm pitch)
Remark
××× indicates a ROM code number.
FUNCTIONAL OUTLINE
Part Number
µPD17704
µPD17705
µPD17707
µPD17708
µPD17709
Item
Program memory (ROM)
16K bytes
24K bytes (12288
× 16 bits)
32K bytes (16384
× 16 bits)
(8192
× 16 bits)
General-purpose data memory (RAM)
672
× 4 bits
1120
× 4 bits
1176
× 4 bits
Instruction execution time
1.78
µs (with fX = 4.5-MHz crystal oscillator)
General-purpose port
• I/O port
: 46 pins
• Input port : 12 pins
• Output port: 4 pins
Stack level
• Address stack : 15 levels
• Interrupt stack: 4 levels
• DBF stack
: 4 levels (can be manipulated via software)
Interrupt
• External: 6 sources (falling edge of CE pin, INT0 through INT4)
• Internal : 6 sources (timers 0 through 3, serial interfaces 0 and 1)
Timer
5 channels
• Basic timer (clock: 10, 20, 50, 100 Hz)
: 1 channel
• 8-bit timer with gate counter (clock: 1 k, 2 k, 10 k, 100 kHz) : 1 channel
• 8-bit timer (clock: 1 k, 2 k, 10 k, 100 kHz)
: 2 channels
• 8-bit timer multiplexed with PWM (clock: 440 Hz, 4.4 kHz)
: 1 channel
A/D converter
8 bits
× 6 channels (hardware mode and software mode selectable)
D/A converter (PWM)
3 channels (8-bit or 9-bit resolution selectable by software)
Output frequency: 4.4 kHz, 440 Hz (with 8-bit PWM selected)
2.2 kHz, 220 Hz (with 9-bit PWM selected)
Serial interface
2 units (3 channels)
• 3-wire serial I/O
: 2 channels
• 2-wire serial I/O/I2C bus : 1 channel
PLL frequency
Division mode
• Direct division mode (VCOL pin (MF mode) : 0.5 to 3 MHz)
synthesizer
• Pulse swallow mode (VCOL pin (HF mode) : 10 to 40 MHz)
(VCOH pin (VHF mode) : 60 to 130 MHz)
Reference frequency
13 types selectable (1, 1.25, 2.5, 3, 5, 6.25, 9, 10, 12.5, 18, 20, 25, 50 kHz)
Charge pump
Two error-out output pins (EO0, EO1)
Phase comparator
Unlock status detectable by program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com