Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN495 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN495
Description  Effective filtering of TDE1707
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN495 Datasheet(HTML) 3 Page - STMicroelectronics

  AN495 Datasheet HTML 1Page - STMicroelectronics AN495 Datasheet HTML 2Page - STMicroelectronics AN495 Datasheet HTML 3Page - STMicroelectronics AN495 Datasheet HTML 4Page - STMicroelectronics AN495 Datasheet HTML 5Page - STMicroelectronics AN495 Datasheet HTML 6Page - STMicroelectronics AN495 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID1745 Rev 4
3/7
AN495
Effective filtering
7
Immunity problems in the circuit are essentially related to the +5 V Vreg filtering, because
the noise on this voltage can induce errors in the low-voltage circuits.
The best solution to avoid immunity problems is to put the filter capacitor between Vreg and
Ground even if the Vreg does not supply any external circuits. Compared to the +Vs
capacitor filtering effect, which also improves the immunity, the Vreg capacitor offers two
advantages:
1.
The capacitive value can be significantly lower, for the same filtering effect, because
the Vreg filter does not have to sustain the load current variations.
2.
The nominal voltage of the capacitor is lower (6 V instead of 25-50 V), so that the
physical size of the capacitor is also smaller.
The higher effectiveness of filtering Vreg instead of +Vs is always evident. On average, in a
typical application, a capacitor put on Vreg can, with the same filtering effectiveness of a
capacitor on +Vs, be 20 times smaller in value.
Nonetheless, a capacitor on +Vs, although not of high value, is recommended. Its value
should be adapted in accordance with the equivalent inductance of the supply connections
and of the value of the load.
For instance, the values used in the test circuit (Figure 3):
325
μH are too high to be found in practice.
4.7 nF on +Vs is barely sufficient with 325
μH (with 325 μH, 10 nF would be preferable).
4.7 nF on Vreg is sufficient in most practical cases.
Using the test circuit shown in Figure 3, with the input trigger of the TDE1707 in pulsed
mode, the effect of the capacitor on Vreg (pin 6) can be noted in Figure 4 and Figure 5:
Figure 4 shows the voltage on +Vs (Ch1) and Vreg (Ch2) at turn-on and turn-off
edges, without the filter capacitor on pin 6.
Figure 5 shows the same signals but with 4.7 nF capacitor connected between
Vreg (pin 6) and Ground.
The improvement of the immunity level and the low values of the capacitors makes the
suggested filtering solution the best for proximity detector applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com