Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1007 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1007
Description  L6561 - BASED SWITCHER REPLACES MAG AMPS IN SILVER BOXES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1007 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1007 Datasheet HTML 1Page - STMicroelectronics AN1007 Datasheet HTML 2Page - STMicroelectronics AN1007 Datasheet HTML 3Page - STMicroelectronics AN1007 Datasheet HTML 4Page - STMicroelectronics AN1007 Datasheet HTML 5Page - STMicroelectronics AN1007 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Introduction
Desktop computer power supplies provide two or more low-voltage, high-current, isolated power rails,
typically a 5V rail and a 12V rail. More an more often, it also provides a 3.3V auxiliary rail with high-cur-
rent capability.
The power is generated by an off-line forward switching converter (inside the so-called "silver box") that
regulates only one power rail through an isolated feedback loop. The other power rails are usually post-
regulated to meet the specifications on the output voltage tolerance and regulation. A typical architecture
is shown in fig. 1.
Many power supply manufacturers use magnetic amplifiers (in short, "mag amps") to achieve secondary
post-regulation. Mag amps regulate the output voltage with a saturable core reactor that exhibits a
square B-H loop: when not saturated, the core material has a very high permeability and the reactor a
very high impedance, then it abruptly saturates thus the permeability drops to a very low value and so
does the impedance of the reactor.
By varying the magnetic DC flux inside the core, mag amps control the time needed for the core to satu-
rate under a given input voltage pulse. Therefore, the reactor acts basically as a delayed switch and per-
form PWM by modulating the leading-edge of the input voltage pulse applied to the output section.
October 2003
®
AN1007
APPLICATION NOTE
L6561 - BASED SWITCHER REPLACES MAG AMPS IN
SILVER BOXES
by Claudio Adragna
Mag amps (a contraction of "Magnetic Amplifier") are widely used in multi-output switching power
supplies to get auxiliary regulated power rails. However, they are expensive, bulky, and require a
high level of design expertise.
ST’s L6561, an 8-pin Transition Mode PFC (Power Factor Corrector) controller, is surprisingly suit-
able for implementing a switch-mode architecture as an alternative to mag amps. Much better per-
formance, a dramatic reduction of parts count, cost and design effort are the benefits of such an ap-
proach. Drawbacks? None. And once more the L6561 turns out to be a really versatile device.
DC Input
PWM CONTROLLER
& POWER SWITCH
RECTIFIER
MAG AMP
REGULATOR
RECTIFIER
+
FILTER
FILTER
RECTIFIER
+
FILTER
LINEAR
REGULATOR
(ISOLATED) FEEDBACK
MAIN
OUTPUT
AUXILIARY
DC OUTPUTS
Figure 1. Typical architecture of an SMPS for desktop computer ("silver box").
1/6


Similar Part No. - AN1007

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
CFM/CMM Thermo Anemometer
logo
Microchip Technology
AN1000 MICROCHIP-AN1000 Datasheet
1Mb / 16P
A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
logo
STMicroelectronics
AN1000 STMICROELECTRONICS-AN1000 Datasheet
67Kb / 3P
Application note
04-Oct-2011
logo
List of Unclassifed Man...
AN1000-521P ETC1-AN1000-521P Datasheet
39Kb / 1P
AN0625-521P
logo
NXP Semiconductors
AN1000 PHILIPS-AN1000_15 Datasheet
147Kb / 18P
Evaluation of the SA601/SA606 demoboard
1997 Aug 20
More results

Similar Description - AN1007

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
BOXES
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
BOXES
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
Junction Boxes
MB1G ETC2-MB1G Datasheet
110Kb / 1P
Multipurpose Boxes
BM11W ETC2-BM11W Datasheet
94Kb / 1P
ABS Boxes
logo
STMicroelectronics
AN1089 STMICROELECTRONICS-AN1089 Datasheet
114Kb / 12P
CONTROL LOOP MODELING OF L6561-BASED TM PFC
Mar-2000
logo
PHOENIX CONTACT
1200103 PHOENIX-1200103 Datasheet
40Kb / 1P
Magazine - CRIMPFOX 4 IN 1/MAG
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-5M-PUR PF-V1-8A-E2-5M-PUR Datasheet
610Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-V112 PF-V1-8A-E2-V112 Datasheet
885Kb / 2P
Splitter boxes
2022-06-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com