Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1049 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1049 Datasheet HTML 16Page - STMicroelectronics AN1049 Datasheet HTML 17Page - STMicroelectronics AN1049 Datasheet HTML 18Page - STMicroelectronics AN1049 Datasheet HTML 19Page - STMicroelectronics AN1049 Datasheet HTML 20Page - STMicroelectronics AN1049 Datasheet HTML 21Page - STMicroelectronics AN1049 Datasheet HTML 22Page - STMicroelectronics AN1049 Datasheet HTML 23Page - STMicroelectronics AN1049 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Light load losses evaluation
Here follows a number of relationships useful to evaluate the major losses in a lightly loaded flyback.
Table C1 - Start-up circuits of fig. 7a and 7b
Maximum RSTART
PSTARTmax
Maximum Wake-up time
Circuit a)
1.41
⋅ VACmin − VTH
ISTART
(1.41 ⋅ VACmax VCC)2
RSTART
≈ CSUPPLY
2
⋅ VTH ⋅ RSTART
3
⋅ VACmin − VTH − ISTART ⋅ RSTART
Circuit b)
0.45
VACmin
1
2
⋅ VTH
ISTART
VACmax
(VACmax − 1.35 ⋅ VCC)
2
RSTART
CSUPPLY
2
⋅ VTH ⋅ RSTART
VACmin
− VTH − ISTART ⋅ RSTART
Worst case values: VTH = 16V, I START = 120
µA
VCC is the supply voltage delivered by the self-supply circuit
Table C2 - MOSFET losses (refer to fig. 10)
Turn-on losses
Turn-off losses
Gate-drive current (IGD)
Equivalent Drain Capacitance
1
2
⋅ CDrain
VDon
2
fSB
Ippk
2
⋅ Tf2 ⋅ fSB
6
⋅ CDrain
Qg
⋅ fSB
TRES
2
4
π2 ⋅ Lp
Table C3. Clamp network losses (refer to fig. 12)
RCD
Zener or Transil
LCD
VR
2
R
≈ 0
≈ 0
AN1049 APPLICATION NOTE
22/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com