Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1513 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1513
Description  In a growing consumer market
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1513 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1513 Datasheet HTML 1Page - STMicroelectronics AN1513 Datasheet HTML 2Page - STMicroelectronics AN1513 Datasheet HTML 3Page - STMicroelectronics AN1513 Datasheet HTML 4Page - STMicroelectronics AN1513 Datasheet HTML 5Page - STMicroelectronics AN1513 Datasheet HTML 6Page - STMicroelectronics AN1513 Datasheet HTML 7Page - STMicroelectronics AN1513 Datasheet HTML 8Page - STMicroelectronics AN1513 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN1513
Schematic
5/13
1
Schematic
The power supply topology is a discontinuous current mode flyback converter, designed with
secondary feedback, optocoupler and TL431C. The output voltage regulation is performed
on the 6.5 V, so the output voltage 10 V can change according to the load applied on both
outputs.
To keep the drain voltage at a safe level and to meet the standby power specification, the
clamper used is a Transil 1.5KE220A instead of a classic R-C-D circuit. While the R-C-D
circuit dissipates energy in any load condition, the Transil dissipates energy only when the
drain voltage spike reaches its breakdown voltage. This consideration is important in order
to keep low consumption (<1 W) during standby operation mode.
A Zener diode is also connected to pin Comp for short circuit protection. This diode clamps
the voltage on pin Comp under the maximum value (4.5 V), reducing the maximum power
delivered by the SMPS.
During short circuit due to the short working time, the VDD voltage drops below the
undervoltage lockout threshold and the VIPer starts working in hiccup mode. Even if the
peak output current is higher than the nominal one, thanks to the on/off cycles, the average
current flowing in the shorted output components is kept under control at a safe value
avoiding diodes failure and any other damage to the circuit.
The output rectifiers are Schottky diodes for better efficiency thanks to their lower forward
voltage drop and negligible switching losses.
The output capacitors are low ESR type to minimize the output ripple and to manage the
RMS output ripple current.
Table 1.
Electrical specifications
Parameter
Value
Input voltage
European standard 230Vac±15%
Output voltage 1
6,5 V±3% at 2.5 A
Output voltage 2
10 V±8% at 1.5 A
Standby consumption
<1 W
Efficiency
>80%
Max working ambient temperature
60°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com