Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASW2000 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW2000
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW2000 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW2000_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW2000_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW2000_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW2000_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V4
MASW2000
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling Procedures
Permanent damage to the MASW2000 may occur if
the following precautions are not adhered to:
A. Cleanliness - The MASW2000 should be han-
dled in a clean environment. DO NOT attempt
to clean assembly after the MASW2000 is in-
stalled.
B. Static Sensitivity - All die handling equipment
and personnel should be DC grounded.
C. Transients - Avoid instrument and power supply
transients while bias is connected to the
MASW2000. Use shielded signal and bias ca-
bles to minimize inductive pick-up.
D. Bias - Apply voltage to either control port A1/B2
or A2/B1 only when the other is grounded. Nei-
ther port should be allowed to “float”.
E. General Handling - It is recommended that the
MASW2000 chip be handled along the long
side of the die with a sharp pair of bend tweez-
ers. DO NOT touch the surface of the chip with
fingers or tweezers.
Mounting
The MASW2000 is back-metallized with Pd/Ni/Au
(100/1,000/10,000Å) metallization.
It can be die-
mounted using Au/Sn eutectic preforms or a ther-
mally conductive epoxy.
The package surface
should be clean and flat before attachment.
Eutectic Die Attach:
A. An 80/20 Au/Sn preform is recommended with
a work surface temperature of approximately
255°C and a tool temperature of 265°C. When
hot 90/5 nitrogen/hydrogen gas is applied, sol-
der temperature should be approximately 290°
C.
B. DO NOT expose the MASW2000 to a tempera-
ture greater than 320°C for more than 20 sec-
onds. No more than 3 seconds of scrubbing
should be required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place
the MASW2000 into position. A thin epoxy fillet
should be visible around the perimeter of the
die.
B. Cure epoxy per manufacturer’s recommended
schedule.
C. Electrically conductive epoxy is recommended
but is not required.
Bonding
A. Ball or wedge bond with 1.0 mil diameter pure
gold wire. Thermosonic bonding with a nomi-
nal stage temperature of
150°C and a ball
bonding force of 40 to 50 grams or wedge
bonding force of 18 to 22 grams is recom-
mended. Ultrasonic energy and time should be
adjusted to the minimum levels necessary to
achieve reliable wirebonds.
B. Wirebonds should be started on the chip and
terminated on the package.
GND bonds
should be as short as possible; at least three
and no more than four bond wires from ground
pads to package are recommended.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com