Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1621 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1621
Description  300W SECONDARY CONTROLLED TWO-SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1621 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1621 Datasheet HTML 2Page - STMicroelectronics AN1621 Datasheet HTML 3Page - STMicroelectronics AN1621 Datasheet HTML 4Page - STMicroelectronics AN1621 Datasheet HTML 5Page - STMicroelectronics AN1621 Datasheet HTML 6Page - STMicroelectronics AN1621 Datasheet HTML 7Page - STMicroelectronics AN1621 Datasheet HTML 8Page - STMicroelectronics AN1621 Datasheet HTML 9Page - STMicroelectronics AN1621 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AN1621 APPLICATION NOTE
6/14
The minimum AP to avoid saturation is:
The AP necessary to limit the core temperature rise not above 30 °C is
Where:
Po = output power
∆B = flux swing
f = switching frequency
η = efficiency
Ke =4 · 10-10
Kh = 4 · 10-5 .
In this application (Po = 312W, η = 90%, f = 200KHz) and considering a maximum ∆B = 200mT for saturation,
the most stringent condition is determined by the formula related to the core temperature raise.
The minimum AP required is 1.97 cm4 . The selected core is ETD39 (AP = 2.2 cm4 ) in 3F3 material.
Assuming total losses of 1% of Po (3W), 2/3 (2W) for the core and 1/3 (1W) for the copper, the specific core
losses are:
In presence of such a power losses, the flux swing can be determined, for 3F3 material, by using the diagram
of material, at 200KHz :
Figure 5. Specific Power Loss as a Function of Frequency Peak Flux Density with
Frequency as a Parameter
or by using the empirical formula
With a specific core losses of 173 mW/cm3 the flux swing must not exceed 130mT
The minimum primary turns is given by:
AP
67.2 P
O
η
Bf
------------------------


1.31
cm
4
=
AP
235 P
O
η f
----------------------


1.58
Kh f
Ke f
2
+
()
0.66
cm
4
=
P
Pfe
Ve
---------
2W
11.5cm
3
-----------------------
0.173W/cm
3
==
=
1
2
5
10
20
50 100 200
∆B(mT)
10
20
50
100
200
500
1K
2K
5K
Ptot
(KW/m3)
D96IN461
Tamb=100°C
3F3
B
P
Kh f
Ke f
2
+
-------------------------------------

 0.416
0.173
410
5
200 10
3
410
10
200 10
3
()
2
⋅⋅
+
⋅⋅
------------------------------------------------------------------------------------------------------------------


 0.416
130mT
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com