Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2603 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2603 Datasheet HTML 5Page - STMicroelectronics AN2603 Datasheet HTML 6Page - STMicroelectronics AN2603 Datasheet HTML 7Page - STMicroelectronics AN2603 Datasheet HTML 8Page - STMicroelectronics AN2603 Datasheet HTML 9Page - STMicroelectronics AN2603 Datasheet HTML 10Page - STMicroelectronics AN2603 Datasheet HTML 11Page - STMicroelectronics AN2603 Datasheet HTML 12Page - STMicroelectronics AN2603 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AN2603
ST1S09 description
Doc ID 13778 Rev 3
9/23
1.4
Short circuit protection
In over-current protection mode, when the peak current reaches the current limit, the device
reduces the TON down to its minimum value. In these conditions, the duty cycle is strongly
reduced and, in most applications, this is enough to limit the current to Ilim.
In cases of heavy short circuit at the output (VOUT = 0 V) and depending on the application
conditions (VIN value and parasitic effect of external components) the current peak could
reach values higher than Ilim. This can be understood by considering the inductor current
ripple during the ON and OFF phases:
●
ON phase
Equation 2
●
OFF phase
Equation 3
Where VD is the voltage drop across the internal NDMOS and DCRL is the series resistance
of the inductor. In short-circuit conditions VOUT is negligible. So, during the TOFF, the voltage
applied to the inductor is very small and it is possible that the current ripple in this phase will
not compensate for the current ripple during the TON. The maximum current peak can be
easily measured through the inductor with VOUT = 0 V (short-circuit) and VIN = VINmax. If the
application is required to sustain the short-circuit condition for an extended period, the
external components (mainly the inductor) must be selected based on this value.
ΔI
L
V
IN
V
OUT
–
DCR
L
I
⋅
–
L
---------------------------------------------------------- T
ON
⋅
=
ΔI
L
V
D
V
OUT
DCR
L
I
⋅
++
L
--------------------------------------------------------- T
OFF
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com