Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2648 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2648
Description  Increasing the resolution of analog temperature sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2648 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2648 Datasheet HTML 1Page - STMicroelectronics AN2648 Datasheet HTML 2Page - STMicroelectronics AN2648 Datasheet HTML 3Page - STMicroelectronics AN2648 Datasheet HTML 4Page - STMicroelectronics AN2648 Datasheet HTML 5Page - STMicroelectronics AN2648 Datasheet HTML 6Page - STMicroelectronics AN2648 Datasheet HTML 7Page - STMicroelectronics AN2648 Datasheet HTML 8Page - STMicroelectronics AN2648 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN2648
STLM20 temperature-to-output transfer function
5/15
Given that the expected voltage range is less than 0.5 V, it should be possible to amplify the
STLM20 output signal so that is uses more of the available voltage range. A 10x
amplification should be possible without exceeding the available 5 V range. Furthermore, a
positive slope is more intuitive to the user, so inverting it would be helpful, too. Hence, a
gain of –10 should be used. Multiplying equation 1 by –10, we get the curve as shown at the
bottom in Figure 5.
Figure 5.
Application transfer function after gain, inversion and offset
The result has positive slope and spans from –17.5 to –12.8, an interval of about 4.7 V,
much closer to the available 5 V range.
-18.5
-16.5
-14.5
-12.5
-10.5
-8.5
-6.5
-4.5
-2.5
-0.5
1.5
3.5
5.5
-50
-30
-10
10
30
50
70
90
Temperature, T (˚C)
+17.5
< 5V
ai13989
x –10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com