Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2684 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2684
Description  The STEVAL-IFP006V1 demonstration board has been developed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2684 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2684 Datasheet HTML 1Page - STMicroelectronics AN2684 Datasheet HTML 2Page - STMicroelectronics AN2684 Datasheet HTML 3Page - STMicroelectronics AN2684 Datasheet HTML 4Page - STMicroelectronics AN2684 Datasheet HTML 5Page - STMicroelectronics AN2684 Datasheet HTML 6Page - STMicroelectronics AN2684 Datasheet HTML 7Page - STMicroelectronics AN2684 Datasheet HTML 8Page - STMicroelectronics AN2684 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
May 2009
Doc ID 14266 Rev 1
1/21
AN2684
Application note
STEVAL-IFP006V1: designing with VNI4140K quad high-side
smart power solid-state relay ICs
Introduction
The STEVAL-IFP006V1 demonstration board has been developed to show the new
VNI4140K device functionalities within industrial applications such as PLCs (programmable
logic controllers) which drive lamps, valves, relays, and similar loads.
This tool allows evaluating VNI4140K features, in particular all kinds of embedded self-
protections, power-handling capabilities, operation and diagnostic feedback, thermal
behavior and conformity to inherent IEC standards.
Figure 1.
STEVAL-IFP006V1
A double-sided PCB allows obtaining the best trade-off between a routing solution and
thermal management results.
The main features of the demonstration board are:
■ Four output channels (4 x 0.7 A)
■ Four input channels
■ Four feedback channels for diagnostic purposes
■ Bidirectional opto-isolated interface for MCU safe connection
■ TTL/CMOS compatible signals for MCU direct connection
■ LEDs to indicate output state
■ Compliance to IEC61000-4-4 and IEC61000-4-5
■ Compatibility with existing STMicroelectronics tools (IBU communication board,
CANIC10…)
■ 10.5 V to 36 V DC power supply voltage range
www.st.com


Similar Part No. - AN2684

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2680 STMICROELECTRONICS-AN2680 Datasheet
131Kb / 15P
Fan speed controller based on STDS75 or STLM75 digital
06-Feb-2008
AN2682 STMICROELECTRONICS-AN2682 Datasheet
164Kb / 15P
This application note describes how to interface
08-Jan-2008
AN2683 STMICROELECTRONICS-AN2683 Datasheet
598Kb / 38P
Compact dual output point of load converter
15-Apr-2008
AN2686 STMICROELECTRONICS-AN2686 Datasheet
525Kb / 11P
Using the STVM100 to fully auto adjust LCD flicker
16-May-2008
AN2687 STMICROELECTRONICS-AN2687 Datasheet
400Kb / 22P
STM8S20xxx LCD software driver
17-Apr-2009
More results

Similar Description - AN2684

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
The STEVAL-CCA028V1 is a demonstration board designed
15-Jun-2011
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
The STEVAL-ISV002V2 demonstration board is the same
08-Nov-2012
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
The STEVAL-ILL044V1 demonstration board showcases
28-Jun-2013
AN991 STMICROELECTRONICS-AN991 Datasheet
48Kb / 3P
The application has been developed to supply two 18W fluorescent lamps
Jun-2002
AN2985 STMICROELECTRONICS-AN2985 Datasheet
1Mb / 19P
The STEVAL-IFP010V3 demonstration board has been developed
07-Nov-2012
AN4009 STMICROELECTRONICS-AN4009 Datasheet
1Mb / 23P
The STEVAL-IFP019V1 demonstration board has been developed
10-Jan-2012
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
The STEVAL-ILL057V1 demonstration board is a complete
17-Apr-2014
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
AN4127 STMICROELECTRONICS-AN4127 Datasheet
1Mb / 27P
This document describes the STEVAL-SPBT3ATV3 demonstration board
21-Jun-2012
AN4128 STMICROELECTRONICS-AN4128 Datasheet
1Mb / 28P
This document describes the STEVAL-SPBT4ATV3 demonstration board
21-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com