Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2829 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 11Page - STMicroelectronics AN2829 Datasheet HTML 12Page - STMicroelectronics AN2829 Datasheet HTML 13Page - STMicroelectronics AN2829 Datasheet HTML 14Page - STMicroelectronics AN2829 Datasheet HTML 15Page - STMicroelectronics AN2829 Datasheet HTML 16Page - STMicroelectronics AN2829 Datasheet HTML 17Page - STMicroelectronics AN2829 Datasheet HTML 18Page - STMicroelectronics AN2829 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AN2829
Jumper settings
15/32
9
Jumper settings
It is possible to select different working conditions by using the jumpers:
Note:
Please note that jumpers S1, S12 and S13 are already soldered on the demonstration
board, and it is not necessary to change them. Refer to the schematic to check their proper
connection.
External bypass connections for the linear regulator LDO5(V5SW)
SMPS frequency selection (FSEL)
Table 3.
Jumper S11 (connect V5SW pin to S11)
Position
LDO5 working conditions
OUT5V
When the main ouput voltage is greater than the bootstrap-switchover
threshold, an internal 3
Ω (max) P-channel MOSFET switch connects the
V5SW pin to the LDO5 pin, shutting down the LDO5 internal linear
regulator. If not used, it must be connected to ground.
SGND
The internal linear regulator LDO5 is always on. In this case LDO5
supplies all gate drivers and the internal circuitry. It can provide an output
peak current of 100mA.
EXT5V
The internal linear regulator LDO5 remains off if an alternative 5 V external
voltage is applied to the EXT5V test-point. An internal 3
Ω (max)
P-channel MOSFET switch connects the V5SW pin to the LDO5 output.
The gate drivers and internal circuitry are supplied by the same 5 V
external voltage applied.
Table 4.
Jumper S3 (connect FSEL pin to S3)
Position
SMPS OUT1
SMPS OUT2
SGND
200 kHz
325 kHz
VREF
290 kHz
425 kHz
LDO5
390 kHz
590 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com