Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2839 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 5Page - STMicroelectronics AN2839 Datasheet HTML 6Page - STMicroelectronics AN2839 Datasheet HTML 7Page - STMicroelectronics AN2839 Datasheet HTML 8Page - STMicroelectronics AN2839 Datasheet HTML 9Page - STMicroelectronics AN2839 Datasheet HTML 10Page - STMicroelectronics AN2839 Datasheet HTML 11Page - STMicroelectronics AN2839 Datasheet HTML 12Page - STMicroelectronics AN2839 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AN2839
Designing an application with L6228
Doc ID 15104 Rev 1
9/40
Figure 6.
Two situations that must be avoided
1.5
Sensing resistors
Each motor winding current flows through the corresponding sensing resistor, causing a
voltage drop that is used, by the logic, to control the peak value of the load current. Two
important points must be taken into account when choosing the RSENSE value.
●
The sensing resistor dissipates energy and provides dangerous negative voltages on
the SENSE pin during the current recirculation. For this reason, the resistance of this
component should be kept low.
●
The voltage drop across RSENSE is compared with the reference voltage (on the Vref
pin) by the internal comparator. The lower the RSENSE value, the higher the peak
current error due to noise on the Vref pin and to the input offset of the current sense
comparator: RSENSE values that are too small must be avoided.
A good compromise is to calculate the sensing resistor value so that the voltage drop,
corresponding to the peak current in the load (Ipeak), is about 0.5 V: RSENSE = 0.5 V/Ipeak.
The sensing resistor must be of a non-inductive type in order to avoid dangerous negative
spikes on the SENSE pins. Wire-wound resistors cannot be used here, while metallic film
resistors are recommended for their high peak current capability and low inductance. For the
same reason, the connections between the SENSE pins, C6, C7, VSA, VSB and GND pins
(see Figure 5 on page 8) must be as short as possible (also see Section 1.4).
The average power dissipated by the sensing resistor is:
●
Fast decay recirculation: PR ≈ Irms
2 · R
SENSE
●
Slow decay recirculation: PR ≈ Irms
2 · R
SENSE · D
where D is the duty-cycle of the PWM current control and Irms is the RMS value of the load
current. Nevertheless, the peak value of the dissipated power should be taken into account
when choosing the power rating of the sensing resistor.
Equation 8
P
R
I
pk
2
R
SENSE
⋅
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com