Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2841 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2841
Description  This application note deals with the general principles of LED dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2841 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2841 Datasheet HTML 3Page - STMicroelectronics AN2841 Datasheet HTML 4Page - STMicroelectronics AN2841 Datasheet HTML 5Page - STMicroelectronics AN2841 Datasheet HTML 6Page - STMicroelectronics AN2841 Datasheet HTML 7Page - STMicroelectronics AN2841 Datasheet HTML 8Page - STMicroelectronics AN2841 Datasheet HTML 9Page - STMicroelectronics AN2841 Datasheet HTML 10Page - STMicroelectronics AN2841 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AN2841
Description of LED dimming
7/31
Figure 2.
PWM serial-parallel conversion for multiple LED applications
Figure 3.
Example of a specific lighting setting
The following equation is used to determine how many LEDs can used in an application with
specific maximum SPI speed and PWM resolution requirements:
Equation 1
where;
N is the maximum number of LEDs
fSPI is the SPI communication speed
n is the PWM resolution
fPWM is the dimming frequency
SERIAL DATA
Output 1- (LED1)
Output 2-(LED2)
Output 3-(LED3)
Output 4-(LED4)
1111
t
t
t
t
t
4% duty cycle
14% duty cycle
3% duty cycle
99% duty cycle
LEVELS
T PWM
1101 0101 0001
0000 1111 or new
data
T SEND_DATA
PARALLELDATA
AM00343
PWM
n
SPI
f
f
N
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com