Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2844 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 5Page - STMicroelectronics AN2844 Datasheet HTML 6Page - STMicroelectronics AN2844 Datasheet HTML 7Page - STMicroelectronics AN2844 Datasheet HTML 8Page - STMicroelectronics AN2844 Datasheet HTML 9Page - STMicroelectronics AN2844 Datasheet HTML 10Page - STMicroelectronics AN2844 Datasheet HTML 11Page - STMicroelectronics AN2844 Datasheet HTML 12Page - STMicroelectronics AN2844 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
AN2844
Adapter features
9/37
ESBTs with this type of configuration offer very good performance in terms of power losses,
and have a low cost compared to other available switches such as very high voltage power
MOSFETs. For further information on driving networks, refer to STMicroelectronics’
application note AN2454 "Universal input voltage power supply for ESBT-based breaker and
metering applications".
The main T1 transformer used is a layered-type transformer, which uses a standard ETD29
core with a bobbin. The ETD29 bobbin has been chosen because of its strong voltage
isolation capacities at such high input voltages. In terms of just power requirements, an even
smaller core area than the ETD29 could be used. A sandwich topology has been used for
the design of the winding, offering better coupling of windings compared to standard
topologies with only one primary winding.
This transformer has been designed according to STMicroelectronics’ released application
notes, with a flyback voltage of 250 V. The turn ratio between the primary and secondary
side has been calculated and is approximately 70. Refer to AN1326 "Quasi-resonant
controller" and AN2495 "80 W very wide input voltage range 3-phase SMPS design based
on L6565 and ESBT STC04IE170HV" for all necessary calculations.
As is common in flyback applications, the total voltage across the switch can reach very high
voltages. The calculation is done with the formula:
VOFF = Vinmax + Vfl + Vspike
where Vfl is the flyback voltage = (VOUT + VF diode) x Np/Ns. Np is the number of turns on
the primary side while Ns is the number of turns on the secondary side. Vspike is the
maximum overvoltage allowed by the clamping network and has been fixed to 200 V.
Allowing for some margin, a related switch STC03DE220HV with a breakdown voltage of
2200 V fills the requirements for these types of application.
A clamp network is used for leakage inductance demagnetization. In this particular case,
a C1 capacitor with related passive resistors R2, R3 and blocking diodes D2 and D5 used in
series because of voltage stresses, has been selected for this purpose.
The secondary side comprises a Schottky barrier diode D3 as rectifier, and filtering
capacitors C3 and C4 featuring low serial resistance. The short-circuit protection features for
the converter have been designed with transistors Q7 and Q6 and related passive parts.
The Q7 transistor senses the output voltage through the resistor dividers R38 and R42. In
normal conditions, the Q7 transistor keeps the Q6 transistor turned off. During a short-circuit
condition where the output voltage is very low or equal to zero, the Q7 transistor is closed.
Energy stored in the tank capacitor C9 can start to provide the supply current for Q6, which
starts to block the function of the converter through the L6565’s ZCD pin. This condition
continues until all the energy from the C9 capacitor has been discharged. The time cycle is
set with the R37 resistor and capacity of C9. Once all the energy in C9 has been
discharged, the converter starts to work again. If the short connection on the output is still
present, the short-circuit protection repeats until the short circuit is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com