Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RH1011FD Datasheet(PDF) 1 Page - Linear Technology

Part # RH1011FD
Description  Voltage Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1011FD Datasheet(HTML) 1 Page - Linear Technology

  RH1011FD Datasheet HTML 1Page - Linear Technology RH1011FD Datasheet HTML 2Page - Linear Technology RH1011FD Datasheet HTML 3Page - Linear Technology RH1011FD Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RH1011
Voltage Comparator
The RH1011 is a general purpose comparator with signifi-
cantly better input characteristics than the LM111. Al-
though pin compatible with the LM111, it offers four times
lower bias current, six times lower offset voltage and five
times higher voltage gain.
The wafer lots are processed to Linear Technology’s in-
house Class S flow to yield circuits usable in stringent
military applications.
Supply Voltage (Pin 8 to Pin 4) ............................... 36V
Output to Negative Supply (Pin 7 to Pin 4) ............. 35V
Ground to Negative Supply (Pin 1 to Pin 4) ............ 30V
Differential Input Voltage .......................................
±35V
Voltage at STROBE Pin (Pin 6 to Pin 8) .................... 5V
Input Voltage (Note 1) ....................... Equal to Supplies
Output Short-Circuit Duration ............................. 10 sec
Operating Temperature Range
(Note 2) ........................................... – 55
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
+
15V
–15V
2
3
200
Ω
1.3k
50k
50k
50k
4
1
8
7
5
+
15V
2V
–15V
RH1011 BI
3
2
100k
4
1
7
604
Ω
8
PACKAGE I FOR ATIO
TOP VIEW
V+
BALANCE/
STROBE
GND
–INPUT
OUTPUT
BALANCE
+INPUT
V
8
7
6
5
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
3
TOP VIEW
W PACKAGE
10-LEAD CERPAC
1
2
3
4
5
10
9
8
7
6
GND
+INPUT
–INPUT
NC
V
V+
OUTPUT
NC
BALANCE/
STROBE
BALANCE
1
2
3
4
8
7
6
5
TOP VIEW
GND
+INPUT
–INPUT
V
V+
OUTPUT
J8 PACKAGE
8-LEAD CERDIP
BALANCE/
STROBE
BALANCE
OR
BUR -I CIRCUIT
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - RH1011FD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH1011 LINER-RH1011 Datasheet
70Kb / 2P
Voltage Comparator
RH1011 LINER-RH1011 Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
Voltage Comparator
More results

Similar Description - RH1011FD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
VOLTAGE COMPARATOR?
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH111 LINER-RH111 Datasheet
143Kb / 4P
Voltage Comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
Voltage Comparator
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
Voltage comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com