Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3009 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3009
Description  How to design a transition mode PFC pre-regulator using the L6564
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3009 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3009 Datasheet HTML 5Page - STMicroelectronics AN3009 Datasheet HTML 6Page - STMicroelectronics AN3009 Datasheet HTML 7Page - STMicroelectronics AN3009 Datasheet HTML 8Page - STMicroelectronics AN3009 Datasheet HTML 9Page - STMicroelectronics AN3009 Datasheet HTML 10Page - STMicroelectronics AN3009 Datasheet HTML 11Page - STMicroelectronics AN3009 Datasheet HTML 12Page - STMicroelectronics AN3009 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AN3009
Designing a transition mode PFC
Doc ID 16032 Rev 4
9/36
The mains frequency generates a 2 fL voltage ripple on the output voltage at full load. The
ripple amplitude determines the current flowing into the output capacitor and the ESR.
Additionally, a request for a certain hold-up capability can be sent to the PFC in case mains
dips occur, in which case the output capacitor also has to be dimensioned taking into
account the required minimum voltage value (Vout min) after the hold-up time (tHold) has
elapsed.
The PFC’s minimum switching frequency is one of the main parameters used to dimension
the boost inductor; here the switching frequency is considered at low mains at the peak of
the sinusoid and at full load conditions. As a rule of thumb, the switching frequency must be
higher than the audio bandwidth to prevent audible noise. Additionally, it must not interfere
with the L6564’s minimum internal starter period (reported in the datasheet). On the other
hand, if the minimum frequency is too high, the circuit shows excessive losses at a higher
input voltage and probably skips switching cycles not only at light loads. The typical
minimum frequency range is 20 - 50 kHz for wide-range operation.
To properly select the power components of the PFC and dimension the heatsinks if they
are needed, the maximum operating ambient temperature around the PFC circuitry must be
known. Note that this is not the maximum external operating temperature of the entire
equipment, but rather the local temperature at which the PFC components are working.
●
Maximum output voltage (Vdc):
(7)
●
Maximum output low frequency ripple:
(8)
●
Minimum output voltage after line drop (Vdc):
(9)
●
Holdup capability (ms):
(10)
●
Minimum switching frequency (kHz):
(11)
●
Maximum ambient temperature (°C):
(12)
V
430
VOVP =
V
20
Vout =
∆
V
300
V
min
out
=
ms
10
tHold =
kHz
40
f min
sw
=
C
50
Tambx
°
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com