Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3027 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 5Page - STMicroelectronics AN3027 Datasheet HTML 6Page - STMicroelectronics AN3027 Datasheet HTML 7Page - STMicroelectronics AN3027 Datasheet HTML 8Page - STMicroelectronics AN3027 Datasheet HTML 9Page - STMicroelectronics AN3027 Datasheet HTML 10Page - STMicroelectronics AN3027 Datasheet HTML 11Page - STMicroelectronics AN3027 Datasheet HTML 12Page - STMicroelectronics AN3027 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AN3027
Designing a TM PFC
Doc ID 16134 Rev 4
9/41
3.2
Operating conditions
The first step is to define the main parameters of the circuit, using the specifications given in
Section 3.1.
●
Rated DC output current:
Equation 1
●
Maximum input power:
Equation 2
●
RMS input current:
Equation 3
●
Peak inductor current:
Equation 4
As shown in
Figure 3, the inductor current is a triangle shape at the switching frequency,
and the peak of the triangle is twice its average value. The average value of the inductor
current is exactly the peak of the input sine wave current, and therefore it can be easily
calculated as its RMS value can be obtained from
Equation 3. In order to provide a complete
inductor specification for the inductor manufacturer, we must also provide the RMS and the
AC current that can be calculated using
Equation 5 and Equation 6.
●
RMS inductor current:
Equation 5
●
AC inductor current:
Equation 6
The current flowing in the inductor can be split in two parts, depending on the conduction
instant. During the on-time, the current increases from zero up the peak value and circulates
into the switch, while during the following off-time the current decreases from its peak down
to zero and circulates into the diode. Therefore these two components have a current with a
triangular wave, with the same peak value equal to that of the inductor. Thus, it is also
possible to calculate the RMS current flowing into the switch and into the diode, needed to
calculate the losses of these two elements.
out
out
out
V
P
I
=
A
25
.
0
V
400
W
100
I
out
=
=
η
= out
in
P
P
W
38
.
106
100
94
W
100
Pin
=
⋅
=
PF
VAC
P
I
min
in
in
⋅
=
A
19
.
1
99
.
0
Vac
90
W
38
.
106
Iin
=
⋅
=
in
pk
I
2
2
IL
⋅
⋅
=
A
38
.
3
A
19
.
1
2
2
IL
pk
=
⋅
⋅
=
in
rms
I
3
2
IL
⋅
=
A
38
.
1
A
19
.
1
3
2
IL
rms
=
⋅
=
2
in
2
rms
ac
I
IL
IL
−
=
() (
)
A
69
.
0
A
19
.
1
38
.
1
IL
2
2
ac
=
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com