Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3028 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 5Page - STMicroelectronics AN3028 Datasheet HTML 6Page - STMicroelectronics AN3028 Datasheet HTML 7Page - STMicroelectronics AN3028 Datasheet HTML 8Page - STMicroelectronics AN3028 Datasheet HTML 9Page - STMicroelectronics AN3028 Datasheet HTML 10Page - STMicroelectronics AN3028 Datasheet HTML 11Page - STMicroelectronics AN3028 Datasheet HTML 12Page - STMicroelectronics AN3028 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
AN3028
Circuit description
Doc ID 16135 Rev 1
9/37
Reference
Part
Description
Manufacturer
D3
STPS2H100
Output diode 2 A, 100 V
STMicroelectronics
D4
P6KE300A
Transil
STMicroelectronics
D5
BZX79-C18
18 V Zener diode
NXP
D6
Not mounted
Small signal diode (1N4148)
R1
4.7
Ω 3/4 W resistor
R3
15
Ω 1/4W resistor
R4
Not mounted
R5a
10 k
Ω 1% 1/4W resistor
R5b
2.2 k
Ω 1% 1/4W resistor
R6
47 k
Ω 1% 1/4W resistor
R7
33 k
Ω 1/4W resistor
R8
68 k
Ω1/4W resistor
L2
RFB0807-2R2L 2.2 µH power inductor
Coilcraft
J,J2
jumpers
T1
1335.0062
Transformer
MAGNETICA
IC
VIPer16LN
STMicroelectronics
Table 2.
Bill of material (continued)
Figure 3.
VDD waveforms
a) without self-supply (J2 selected)
b) with self-supply (J and J2 not selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com