Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3064 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3064
Description  Using the STC3100 battery monitor for gas gauge applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3064 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3064 Datasheet HTML 5Page - STMicroelectronics AN3064 Datasheet HTML 6Page - STMicroelectronics AN3064 Datasheet HTML 7Page - STMicroelectronics AN3064 Datasheet HTML 8Page - STMicroelectronics AN3064 Datasheet HTML 9Page - STMicroelectronics AN3064 Datasheet HTML 10Page - STMicroelectronics AN3064 Datasheet HTML 11Page - STMicroelectronics AN3064 Datasheet HTML 12Page - STMicroelectronics AN3064 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN3064
Battery monitoring functions
Doc ID 16263 Rev 1
9/15
2.4
Battery voltage and temperature reading
The battery voltage and chip temperature (close to the battery temperature) are measured
by means of an A/D converter and a multiplexer. This function takes place concurrently to
the Coulomb counter function with a dedicated A/D converter, which means that it does not
affect the performance of the Coulomb counter. To reduce the power consumption, a
conversion takes place every two seconds only, alternating between the battery voltage and
temperature (so each value is refreshed every four seconds).
The voltage code is a 12-bit binary number using the two’s complement binary format. Bit 11
is the sign bit and bits 0 to 10 are the data bits. The LSB value (bit 0) is 2.44 mV. Note that
although the input voltage range is limited to a positive voltage, negative voltage codes can
be read when the input voltage is close to 0 V due to internal offset effects.
The temperature code is a 12-bit binary number using the two’s complement binary format.
Bit 11 is the sign bit and bits 0 to 10 are the data bits. The LSB value (bit 0) is 0.125° C.
The actual values of the voltage and temperature are:
●
voltage (mV) = Voltage_code * 2.44.
●
temperature (°C) = Temperature_code * 0.125.
The VTM_EOC bit in the REG_CTRL register can be used to check that at least one new
measurement of the voltage or temperature has been done since the last reading of the
REG_CTRL register.
Table 7.
REG_VOLTAGE_LOW. address 8 (08h)
Name
Pos.
Type
Power-up
Description
DATA[7..0]
[7..0]
R
00
Battery voltage data
Table 8.
REG_VOLTAGE_HIGH. address 9 (09h)
Name
Pos.
Type
Power-up
Description
DATA[11..8]
[3..0]
R
0
Battery voltage data
DATA[15..12]
[7..4]
R
0
unused
Table 9.
REG_TEMPERATURE_LOW. address 10 (0Ah)
Name
Pos.
Type
Power-up
Description
DATA[7..0]
[7..0]
R
00
Temperature data
Table 10.
REG_TEMPERATURE_HIGH. address 11 (0Bh)
Name
Pos.
Type
Power-up
Description
DATA[11..8]
[3..0]
R
0
Temperature data
DATA[15..12]
[7..4]
R
0
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com