Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3112 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 4Page - STMicroelectronics AN3112 Datasheet HTML 5Page - STMicroelectronics AN3112 Datasheet HTML 6Page - STMicroelectronics AN3112 Datasheet HTML 7Page - STMicroelectronics AN3112 Datasheet HTML 8Page - STMicroelectronics AN3112 Datasheet HTML 9Page - STMicroelectronics AN3112 Datasheet HTML 10Page - STMicroelectronics AN3112 Datasheet HTML 11Page - STMicroelectronics AN3112 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Implementing the line-modulated fixed-off-time
AN3112
8/36
Doc ID 16820 Rev 3
It is easy to see that TOFF is now a function of the instantaneous line voltage. We refer to this
technique as line-modulated fixed-off-time (LM-FOT) [
5].
This modification, although simple, introduces profound changes in the timing relationships,
with a positive influence on the energetic relationships. From the control point of view,
modulating TOFF is a feed-forward term that modifies the gain but does not change its
characteristics. Consequently, all of the properties of the standard FOT control are
maintained. Due to the highly non-linear nature of the TOFF modulation introduced by T1
and R0, its effects are discussed only qualitatively and the quantitative aspects are provided
graphically for a specific case in [
5].
As a practical rule, it is convenient to first select a capacitor and then to calculate the resistor
needed to achieve the desired TOFF (see Section 4.3.7 on page 19).
As the gate voltage VGD rises, the Rs resistor charges the C timing capacitor as quickly as
possible up to VZCDclamp, without exceeding the clamp rating (IZCDx =10 mA). Then it must
fulfill the following inequalities:
Equation 6
where VGD (assume VGD = 10 V) is the voltage delivered by the gate driver, VGDx = 15 V its
maximum value, and VF the forward drop on D.
When working at high line/light load the on-time of the power switch becomes very short and
the Rs resistor alone is no longer able to charge C up to VZCDclamp. The speed-up capacitor
Cs is then used in parallel to Rs. This capacitor causes an almost instantaneous charge of C
up to a certain level, after that, Rs completes the charge up to VZCDclamp. It is important that
the steep edge caused by Cs does not reach the clamp level, otherwise the internal clamp of
the L6564 undergoes uncontrolled current spikes (limited only by the dynamic resistance of
the 1N4148 and the ESR of Cs) that could overstress the IC. Cs must then be:
Equation 7
ZCDclamp
F
ZCDclamp
GD
ZCDclamp
ZCDx
F
ZCDclamp
GDx
V
V
V
V
R
Rs
R
V
I
V
V
V
−
−
⋅
<
<
+
−
−
F
ZCDclamp
GDx
ZCDclamp
V
V
V
V
C
Cs
−
−
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com