Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3115 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 3Page - STMicroelectronics AN3115 Datasheet HTML 4Page - STMicroelectronics AN3115 Datasheet HTML 5Page - STMicroelectronics AN3115 Datasheet HTML 6Page - STMicroelectronics AN3115 Datasheet HTML 7Page - STMicroelectronics AN3115 Datasheet HTML 8Page - STMicroelectronics AN3115 Datasheet HTML 9Page - STMicroelectronics AN3115 Datasheet HTML 10Page - STMicroelectronics AN3115 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AN3115
Block diagram and pin function description
Doc ID 16830 Rev 3
7/28
1.5
DiSEqC 1.X Implementation through VoTX and EXTM
If an external 22 kHz tone source is not available, it is possible to use the internal 22 kHz
tone generator signal available through the VoTX pin to drive the EXTM pin. In this way the
VoTX 22 kHz signal is superimposed to the VoRX DC voltage to generate the LNB output 22
kHz tone (see Figure 6). The internal 22 kHz tone generator, available through the VoTX pin,
must be activated during the 22 kHz transmission by the DSQIN pin or by the TEN bit. The
DSQIN internal circuit activates the 22 kHz tone on the VoTX output with 0.5 cycles ± 25 µs
delay from the TTL signal present on the DSQIN pin, and it stops with 1 cycle ± 25 µs delay
after the TTL signal is expired. The VoTX pin internal circuit must be preventively set ON by
the TTX function. This can be controlled both through the TTX pin and the I²C bit. As soon
as the tone transmission is expired, the VoTX must be disabled by setting the TTX to LOW.
The 13 / 18 V power supply is always provided to the LNB from the VoRX pin.
1.6
PDC optional circuit for DiSEqC 1.X applications using VoTX
signal on to EXTM pin and 22 kHz tone controlled by DSQIN
pin
In some applications, at light output current (< 50 mA) having a heavy LNB output capacitive
load, the 22 kHz tone can be distorted. In this case it is possible to add the “Optional”
external components described on Section 2.7.
1.7
22 kHz oscillator
The internal 22 kHz tone generator is factory-trimmed in accordance with current standards
and can be selected by the I²C interface TTX bit (or TTX pin) and controlled by the DSQIN
pin (TTL compatible), which allows immediate DiSEqC data encoding. If the 22 kHz tone
presence is requested in continuous mode, the internal oscillator can be activated by the I²C
Figure 3.
DiSEqC 1.X tone burst with 22 kHz IC controller
VoRx OUTPUT
Vtone signal
High-Z
STATE
High-Z
STATE
High-Z
STATE
Push -pull
Action
Push -pull
Action
VoRx OUTPUT
Vtone signal
High-Z
STATE
High-Z
STATE
High-Z
STATE
Push -pull
Action
Push -pull
Action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com